Electronic Components Datasheet Search |
|
CN201J3AS205DQ Datasheet(PDF) 4 Page - ITT Industries |
|
CN201J3AS205DQ Datasheet(HTML) 4 Page - ITT Industries |
4 / 4 page CONTACT MATERIAL LAMP RATING 7 125 VAC 33kΩ NEON 8 250 VAC 150kΩ NEON NOTE: Lamp rating for J3 & J8 actuator options. * Not available with CN203, CN205 & CN207 switch functions. (NONE) NO LAMP ACTUATOR MARKING NONE NO MARKING D ON-OFF H O l P O - NOTE: Orientation of actuator marking and terminals. C&K CN Series Double Pole Power Rocker Switches 07 SOLDER LUG .031 (0,8) .429 (10,9) 1.071 (27,2) .709 (18,0) 1.126 (28,6) .425 (1,8) .250 (6,35) TERMINATION www.ittcannon.com H-102 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change H * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 16 AMPS @ 125 VAC, 1/8 HP @ 125 VAC; 10 AMPS @ 250 VAC, 1/3 HP @ 250 VAC (UL/CSA) RATINGS CONTACT AND TERMINAL MATERIAL SILVER YES YES YES YES POWER RoHS COMPLIANT * RoHS COMPATIBLE * OPTION CODE Q QA* 16 AMPS @ 125 VAC; 10 AMPS @ 250 VAC (UL/CSA) |
Similar Part No. - CN201J3AS205DQ |
|
Similar Description - CN201J3AS205DQ |