Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1921L-F50 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1921L-F50
Description  Thermochron iButton
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1921L-F50 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1921L-F50 Datasheet HTML 1Page - Dallas Semiconductor DS1921L-F50 Datasheet HTML 2Page - Dallas Semiconductor DS1921L-F50 Datasheet HTML 3Page - Dallas Semiconductor DS1921L-F50 Datasheet HTML 4Page - Dallas Semiconductor DS1921L-F50 Datasheet HTML 5Page - Dallas Semiconductor DS1921L-F50 Datasheet HTML 6Page - Dallas Semiconductor DS1921L-F50 Datasheet HTML 7Page - Dallas Semiconductor DS1921L-F50 Datasheet HTML 8Page - Dallas Semiconductor DS1921L-F50 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
DS1921L
4 of 40
HIERARCHICAL STRUCTURE FOR 1-Wire PROTOCOL Figure 2
1-Wire net
Other
Devices
BUS
Master
Command
Level:
1-Wire ROM Function
Commands
DS1921-specific
Memory Function
Commands
DS1921
Available
Commands:
Read ROM
Match ROM
Search ROM
Skip ROM
Overdrive Skip
Overdrive Match
Conditional Search
ROM
Write Scratchpad
Read Scratchpad
Copy Scratchpad
Read Memory
Read Memory w/CRC
Clear Memory
Convert Temperature
Data Field
Affected:
64-bit Reg. #
64-bit Reg. #
64-bit Reg. #
N/A
OD-Flag
64-bit Reg. #, OD-Flag
64-bit Reg. #, Cond. Search settings,
device status
256-bit scratchpad, flags
256-bit scratchpad
4096-bit SRAM, registers, flags
All memory
All memory
Mission Time Stamp, Mission Samples
Counter, Start Delay, Sample
Rate, Alarm Time Stamps and
Durations, Histogram Memory
Memory address 211h
Cmd.
Codes:
33h
55h
F0h
CCh
3Ch
69h
ECh
0Fh
AAh
55h
F0h
A5h
3Ch
44h
64-BIT LASERED ROM Figure 3
MSB
LSB
8-Bit
CRC Code
12-Bit Temperature
Range Code
36-Bit Serial Number
8-Bit Family
Code (21h)
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
DEVICE
TEMP.
RANGE (°C)
RESOLUTION
(
°C)
TEMP. RANGE CODE
HEX.
EQUIVALENT
DS1921L-F51
-10 to +85
0.5
0011
0100
1100
34C
DS1921L-F52
-20 to +85
0.5
0010
0101
0100
254
DS1921L-F53
-30 to +85
0.5
0001
0101
1100
15C
DS1921L-F50
-40 to +85
0.5
0000
0110
0100
064
DS1921H-F5
+15 to +46
0.125
0100
1111
0010
4F2
DS1921Z-F5
-5 to +26
0.125
0011
1011
0010
3B2


Similar Part No. - DS1921L-F50

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
TT Electronics.
DS1921 TTELEC-DS1921 Datasheet
306Kb / 1P
   Ball Flow Indicator
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G MAXIM-DS1921G Datasheet
675Kb / 42P
   Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
More results

Similar Description - DS1921L-F50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921K MAXIM-DS1921K Datasheet
75Kb / 3P
   Thermochron iButton Starter Kit
4/09
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com