Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1921H-F5 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1921H-F5
Description  Thermochron iButton
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1921H-F5 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1921H-F5 Datasheet HTML 1Page - Dallas Semiconductor DS1921H-F5 Datasheet HTML 2Page - Dallas Semiconductor DS1921H-F5 Datasheet HTML 3Page - Dallas Semiconductor DS1921H-F5 Datasheet HTML 4Page - Dallas Semiconductor DS1921H-F5 Datasheet HTML 5Page - Dallas Semiconductor DS1921H-F5 Datasheet HTML 6Page - Dallas Semiconductor DS1921H-F5 Datasheet HTML 7Page - Dallas Semiconductor DS1921H-F5 Datasheet HTML 8Page - Dallas Semiconductor DS1921H-F5 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1 of 40
121003
DS1921L-F5X
Thermochron iButton
www.maxim-ic.com
SPECIAL FEATURES*
§ Digital thermometer measures temperature in
0.5°C increments (accuracy ±1.0
°C)
§ Built-in real-time clock (RTC) and timer has
accuracy of
±2 minutes per month from 0°C
to 45°C
§ Automatically wakes up and measures tem-
perature at user-programmable intervals from
1 to 255 minutes
§ Logs up to 2048 consecutive temperature
measurements in protected nonvolatile (NV)
memory
§ Records a long-term temperature histogram
with 2.0°C resolution
§ Programmable temperature-high and tem-
perature-low alarm trip points
§ Records up to 24 time stamps and durations
when temperature leaves the range specified
by the trip points
§ 512 bytes of general-purpose read/write NV
memory
§ Typical lifetime more than 9 years
§ Communicates to host with a single digital
signal at 14.1kbits or 125kbits per second
using 1-Wire® protocol
COMMON iButton FEATURES
§ Digital identification and information by
momentary contact
§ Unique, factory-lasered and tested 64-bit reg-
istration number (8-bit family code + 48-bit
serial number + 8-bit CRC tester) assures ab-
solute traceability because no two parts are
alike
§ Multidrop controller for 1-Wire net
§ Chip-based data carrier compactly stores
information
§ Data can be accessed while affixed to object
§ Button shape is self-aligning with cup-shaped
probes
§ Durable stainless steel case engraved with
registration number withstands harsh envi-
ronments
§ Easily affixed with self-stick adhesive back-
ing, latched by its flange, or locked with a
ring pressed onto its rim
§ Presence detector acknowledges when reader
first applies voltage
§ Meets UL#913 (4th Edit.). Intrinsically Safe
Apparatus: approved under Entity Concept
for use in Class I, Division 1, Group A, B, C
and D Locations (application pending)
F5 MICROCAN
IO
GND
0.36
0.51
5.89
© 1993
YYWW REGISTERED RR
xx
21
15C000FBC52B
16.25
17.35
All dimensions are shown in millimeters.
ORDERING INFORMATION
DS1921L-F51
-10
°C to +85°C
F5 iButton®
DS1921L-F52
-20
°C to +85°C
F5 iButton
DS1921L-F53
-30
°C to +85°C
F5 iButton
DS1921L-F50
-40
°C to +85°C
F5 iButton
EXAMPLES OF ACCESSORIES
DS9096P
Self-Stick Adhesive Pad
DS9101
Multi-Purpose Clip
DS9093RA
Mounting Lock Ring
DS9093A
Snap-In Fob
DS9092
iButton Probe
1-Wire, Microcan, and iButton are registered trademarks of Dallas Semiconductor
*See ELECTRICAL CHARACTERISTICS table for details.


Similar Part No. - DS1921H-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921H-F5 DALLAS-DS1921H-F5 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H-F5 MAXIM-DS1921H-F5 Datasheet
1Mb / 45P
   High-Resolution Thermochron® iButton® Range H: 15°C to 46°C, Z: -5°C to 26°C
Rev 3/12
DS1921H-F5# MAXIM-DS1921H-F5# Datasheet
729Kb / 45P
   High-Resolution Thermochron iButton Devices
2013
More results

Similar Description - DS1921H-F5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921K MAXIM-DS1921K Datasheet
75Kb / 3P
   Thermochron iButton Starter Kit
4/09
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
   High-Resolution Thermochron iButton
Rev 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com