Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-362Y Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A-362Y
Description  DUAL DIGITS DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A-362Y Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A-362Y Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-302X, C/A-362X
DUAL DIGITS DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-302H
A-302H
GaP
Red
700
2.1
2.8
550
C-302E
A-302E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
1800
C-302G
A-302G
GaP
Green
565
2.1
2.8
1600
C-302Y
A-302Y
GaAsP/GaP Yellow
585
2.1
2.8
1500
C-302SR
A-302SR
GaAlAs
Super Red
660
1.8
2.4
5000
D25
C-362H
A-362H
GaP
Red
700
2.1
2.8
550
C-362E
A-362E
GaAsP/GaP Hi.effi Red
635
2.0
2.8
1800
C-362G
A-362G
GaP
Green
565
2.1
2.8
1600
C-362Y
A-362Y
GaAsP/GaP Yellow
585
2.1
2.8
1500
C-362SR
A-362SR
GaAlAs
Super Red
660
1.8
2.4
5000
D26
Fig.D25
Fig.D26
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - A-362Y

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-362Y-A PARALIGHT-A-362Y-A Datasheet
209Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
More results

Similar Description - A-362Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
C-562X ETC-C-562X Datasheet
111Kb / 1P
   DUAL DIGITS DISPLAY
C-502X-10 ETC-C-502X-10 Datasheet
111Kb / 1P
   DUAL DIGITS DISPLAY
A-392G ETC-A-392G Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-362G-L60 PARALIGHT-A-362G-L60 Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402UB-A PARALIGHT-A-402UB-A Datasheet
195Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402Y PARALIGHT-A-402Y Datasheet
206Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com