Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA164 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA164
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA164 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA164 Datasheet HTML 1Page - ATMEL Corporation ATMEGA164 Datasheet HTML 2Page - ATMEL Corporation ATMEGA164 Datasheet HTML 3Page - ATMEL Corporation ATMEGA164 Datasheet HTML 4Page - ATMEL Corporation ATMEGA164 Datasheet HTML 5Page - ATMEL Corporation ATMEGA164 Datasheet HTML 6Page - ATMEL Corporation ATMEGA164 Datasheet HTML 7Page - ATMEL Corporation ATMEGA164 Datasheet HTML 8Page - ATMEL Corporation ATMEGA164 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2593AS–AVR–06/05
Features
High-performance, Low-power AVR® 8-bit Microcontroller
Advanced RISC Architecture
– 131 Powerful Instructions – Most Single-clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 20 MIPS Throughput at 20 MHz
– On-chip 2-cycle Multiplier
Nonvolatile Program and Data Memories
– 16/32/64K Bytes of In-System Self-Programmable Flash
Endurance: 10,000 Write/Erase Cycles
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– 512B/1K/2K Bytes EEPROM
Endurance: 100,000 Write/Erase Cycles
– 1/2/4K Bytes Internal SRAM
– Programming Lock for Software Security
JTAG (IEEE std. 1149.1 Compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes
– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
– Real Time Counter with Separate Oscillator
– Six PWM Channels
– 8-channel, 10-bit ADC
Differential mode with selectable gain at 1x, 10x or 200x
– Byte-oriented Two-wire Serial Interface
– One/Two Programmable Serial USART (ATmega644, ATmega164/324)
– Master/Slave SPI Serial Interface
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated RC Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby
and Extended Standby
I/O and Packages
– 32 Programmable I/O Lines
– 40-pin PDIP, 44-lead TQFP, and 44-pad QFN/MLF
Operating Voltages
– 1.8 - 5.5V for ATmega164/324/644V
– 2.7 - 5.5V for ATmega164/324/644
Speed Grades
– ATmega164/324/644V: 0 - 4MHz @ 1.8 - 5.5V, 0 - 10MHz @ 2.7 - 5.5V
– ATmega164/324/644: 0 - 10MHz @ 2.7 - 5.5V, 0 - 20MHz @ 4.5 - 5.5V
Power Consumption at 1 MHz, 3V, 25°C for ATmega644
– Active: 240 µA @ 1.8V, 1MHz
– Power-down Mode: 0.1 µA @ 1.8V
8-bit
Microcontroller
with 16/32/64K
Bytes In-System
Programmable
Flash
ATmega164/V
ATmega324/V
ATmega644/V
Advance
Information
Summary
Note: This is a summary document. A complete document
is available on our Web site at www.atmel.com.


Similar Part No. - ATMEGA164

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA164A ATMEL-ATMEGA164A Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA164A ATMEL-ATMEGA164A Datasheet
601Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATMEGA164A-AU ATMEL-ATMEGA164A-AU Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA164A-AUR ATMEL-ATMEGA164A-AUR Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA164A-CU ATMEL-ATMEGA164A-CU Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA164

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_10 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_08 Datasheet
515Kb / 26P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_07 Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_1 Datasheet
6Mb / 377P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P_0702 ATMEL-ATMEGA164P_0702 Datasheet
3Mb / 408P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_09 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA165A ATMEL-ATMEGA165A Datasheet
719Kb / 33P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_09 Datasheet
543Kb / 28P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com