Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320MB110EI Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29LV320MB110EI
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320MB110EI Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29LV320MB110EI Datasheet HTML 3Page - Advanced Micro Devices AM29LV320MB110EI Datasheet HTML 4Page - Advanced Micro Devices AM29LV320MB110EI Datasheet HTML 5Page - Advanced Micro Devices AM29LV320MB110EI Datasheet HTML 6Page - Advanced Micro Devices AM29LV320MB110EI Datasheet HTML 7Page - Advanced Micro Devices AM29LV320MB110EI Datasheet HTML 8Page - Advanced Micro Devices AM29LV320MB110EI Datasheet HTML 9Page - Advanced Micro Devices AM29LV320MB110EI Datasheet HTML 10Page - Advanced Micro Devices AM29LV320MB110EI Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
May 16, 2003
Am29LV320MT/B
7
DA T A SH EET
CONNECTION DIAGRAMS
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (TSOP and BGA). The package
and/or data integrity may be compromised if the
package body is exposed to temperatures above 150
°C
for prolonged periods of time.
B3
C3
D3
E3
F3
G3
H3
B4
C4
D4
E4
F4
G4
H4
B5
C5
D5
E5
F5
G5
H5
B6
C6
D6
E6
F6
G6
H6
B7
C7
D7
E7
F7
G7
H7
B8
C8
D8
E8
F8
G8
H8
NC
NC
NC
VSS
NC
NC
NC
VSS
DQ15/A-1
BYTE#
A16
A15
A14
A12
DQ6
DQ13
DQ14
DQ7
A11
A10
A8
DQ4
VCC
DQ12
DQ5
A19
NC
RESET#
DQ3
DQ11
DQ10
DQ2
A20
A18
WP#/ACC
DQ1
DQ9
DQ8
DQ0
A5
A6
A17
A3
A4
A5
A6
A7
A8
NC
A13
A9
WE#
RY/BY#
A7
B2
C2
D2
E2
F2
G2
H2
VSS
OE#
CE#
A0
A1
A2
A4
A2
A3
B1
C1
D1
E1
F1
G1
H1
NC
NC
NC
NC
NC
NC
NC
A1
NC
64-Ball Fortified BGA
Top View, Balls Facing Down


Similar Part No. - AM29LV320MB110EI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV320MB110EI SPANSION-AM29LV320MB110EI Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV320MB110EI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT AMD-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M_07 Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV640MT SPANSION-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit-TM 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M_06 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com