Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320MB100REI Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29LV320MB100REI
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320MB100REI Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29LV320MB100REI Datasheet HTML 1Page - Advanced Micro Devices AM29LV320MB100REI Datasheet HTML 2Page - Advanced Micro Devices AM29LV320MB100REI Datasheet HTML 3Page - Advanced Micro Devices AM29LV320MB100REI Datasheet HTML 4Page - Advanced Micro Devices AM29LV320MB100REI Datasheet HTML 5Page - Advanced Micro Devices AM29LV320MB100REI Datasheet HTML 6Page - Advanced Micro Devices AM29LV320MB100REI Datasheet HTML 7Page - Advanced Micro Devices AM29LV320MB100REI Datasheet HTML 8Page - Advanced Micro Devices AM29LV320MB100REI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
DATASHEET
Publication# 26518
Rev: B Amendment/0
Issue Date: May 16, 2003
Refer to AMD’s Website (www.amd.com) for the latest information.
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Am29LV320MT/B
32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit
3.0 Volt-only Boot Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Single power supply operation
— 3 V for read, erase, and program operations
■ Manufactured on 0.23 µm MirrorBit process
technology
■ SecSi
 (Secured Silicon) Sector region
— 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random
Electronic Serial Number, accessible through a
command sequence
— May be programmed and locked at the factory or by
the customer
■ Flexible sector architecture
— Sixty-three 32 Kword/64-Kbyte sectors
— Eight 4 Kword/8 Kbyte boot sectors
■ Compatibility with JEDEC standards
— Provides pinout and software compatibility for
single-power supply flash, and superior inadvertent
write protection
■ Minimum 100,000 erase cycle guarantee per sector
■ 20-year data retention at 125
°C
PERFORMANCE CHARACTERISTICS
■ High performance
— 90 ns access time
— 25 ns page read times
— 0.5 s typical sector erase time
— 15 µs typical effective write buffer word programming
time: 16-word/32-byte write buffer reduces overall
programming time for multiple-word/byte updates
— 4-word/8-byte page read buffer
— 16-word/32-byte write buffer
■ Low power consumption (typical values at 3.0 V, 5
MHz)
— 13 mA typical active read current
— 50 mA typical erase/program current
— 1 µA typical standby mode current
■ Package options
— 48-pin TSOP
— 48-ball Fine-pitch BGA
— 64-ball Fortified BGA
SOFTWARE & HARDWARE FEATURES
■ Software features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— Unlock Bypass Program command reduces overall
multiple-word programming time
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
■ Hardware features
— Sector Group Protection: hardware-level method of
preventing write operations within a sector group
— Temporary Sector Unprotect: V
ID-level method of
changing code in locked sectors
— WP#/ACC input:
Write Protect input (WP#) protects top or bottom two
sectors regardless of sector protection settings
ACC (high voltage) accelerates programming time for
higher throughput during system production
— Hardware reset input (RESET#) resets device
— Ready/Busy# output (RY/BY#) indicates program or
erase cycle completion


Similar Part No. - AM29LV320MB100REI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV320MB100REI SPANSION-AM29LV320MB100REI Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV320MB100REI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT AMD-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M_07 Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV640MT SPANSION-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit-TM 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M_06 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com