Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ236 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFQ236
Description  NPN video transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ236 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFQ236 Datasheet HTML 1Page - NXP Semiconductors BFQ236 Datasheet HTML 2Page - NXP Semiconductors BFQ236 Datasheet HTML 3Page - NXP Semiconductors BFQ236 Datasheet HTML 4Page - NXP Semiconductors BFQ236 Datasheet HTML 5Page - NXP Semiconductors BFQ236 Datasheet HTML 6Page - NXP Semiconductors BFQ236 Datasheet HTML 7Page - NXP Semiconductors BFQ236 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Oct 02
5
Philips Semiconductors
Product specification
NPN video transistors
BFQ236; BFQ236A
Fig.4
DC current gain as a function of
collector current; typical values.
VCE =10V.
handbook, halfpage
0
50
40
30
20
100
200
MBB434
300
IC (mA)
hFE
Fig.5
Transition frequency as a function of
collector current; typical values.
VCE = 10 V; Tamb =25 °C.
handbook, halfpage
0
2.0
1.5
1.0
0.5
50
100
150
MBC969
fT
(GHz)
IC (mA)
BFQ236
BFQ236A
Fig.6
Collector-base capacitance as a function of
collector-base voltage; typical values.
IC = 0; f = 1 MHz.
handbook, halfpage
MRA602
0
1
2
3
4
5
0
5
10
15
20
25
30
35
VCB (V)
Ccb
(pF)


Similar Part No. - BFQ236

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ231 PHILIPS-BFQ231 Datasheet
63Kb / 8P
   NPN video transistors
1997 Oct 02
BFQ231A PHILIPS-BFQ231A Datasheet
63Kb / 8P
   NPN video transistors
1997 Oct 02
BFQ232 PHILIPS-BFQ232 Datasheet
63Kb / 8P
   NPN video transistors
1997 Oct 02
BFQ232A PHILIPS-BFQ232A Datasheet
63Kb / 8P
   NPN video transistors
1997 Oct 02
logo
List of Unclassifed Man...
BFQ232A ETC2-BFQ232A Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - BFQ236

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ262 PHILIPS-BFQ262 Datasheet
66Kb / 12P
   NPN video transistors
1997 Oct 02
BFQ232 PHILIPS-BFQ232 Datasheet
63Kb / 8P
   NPN video transistors
1997 Oct 02
BFQ231 PHILIPS-BFQ231 Datasheet
63Kb / 8P
   NPN video transistors
1997 Oct 02
logo
Continental Device Indi...
BF391 CDIL-BF391 Datasheet
72Kb / 4P
   NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
logo
TRANSYS Electronics Lim...
BF391 TEL-BF391 Datasheet
90Kb / 3P
   NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
logo
Continental Device Indi...
BF420 CDIL-BF420 Datasheet
151Kb / 4P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
TRANSYS Electronics Lim...
BF420 TEL-BF420 Datasheet
86Kb / 3P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
NXP Semiconductors
BFQ256 PHILIPS-BFQ256 Datasheet
56Kb / 8P
   PNP video transistors
1997 Oct 02
BFQ255 PHILIPS-BFQ255 Datasheet
63Kb / 8P
   PNP video transistors
1997 Oct 02
BFQ252 PHILIPS-BFQ252 Datasheet
63Kb / 8P
   PNP video transistors
1997 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com