Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT574BCN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPT574BCN
Description  FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT574BCN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPT574BCN Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT574BCN Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT574BCN Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT574BCN Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT574BCN Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT574BCN Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT574BCN Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT574BCN Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT574BCN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPT
3
8/1/00
SPT574
ELECTRICAL SPECIFICATIONS
TA = TMIN to TMAX, VEE = 0 to +5 V, VDD = +5 V, fS = 40 kHz, fIN = 10 kHz, unless otherwise specified.
TEST
TEST
SPT574C
SPT574B
PARAMETER
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
Power Supplies Operating
Voltage Range
VDD
IV
+4.5
+5.5
+4.5
+5.5
Volts
VEE2
IV
VDD
VDD
Volts
Operating Current
IDD
IV
13
20
13
20
mA
IEE2VEE = +5 V
IV
167
167
µA
Power Dissipation
VI
65
100
65
100
mW
Internal Reference
Voltage
VI
2.4
2.5
2.6
2.4
2.5
2.6
Volts
Output Current3
VI
0.5
0.5
mA
DIGITAL CHARACTERISTICS
Logic Inputs
(CE, CS , R/C , Ao, 12/8 )
Logic 0
VI
-0.5
+0.8
-0.5
+0.8
Volts
Logic1
VI
2.0
5.5
2.0
5.5
Volts
Current
VI
-5.0
0. 1
5.0
-5.0
0. 1
5.0
µA
Capacitance
V
5
5
pF
Logic Outputs
(DB11-DB0, STS)
Logic 0
(ISink = 1.6 mA)
VI
+0.4
+0.4
Volts
Logic 1
(ISOURCE = 500 µA)
VI
+2.4
+2.4
Volts
Leakage
(High Z State,
VI
-5
0.1
+5
-5
0.1
+5
µA
DB11-DB0 Only)
Capacitance
V
5
5
pF
AC Accuracy
fS=40 kHz, fIN=10 kHz
Spurious Free Dyn. Range
V
78
78
dB
Total Harmonic Distortion
V
-77
-77
dB
Signal-to-Noise Ratio
V
72
72
dB
Signal-to-Noise & Distortion
V
71
71
dB
(SINAD)
Intermodulation Distortion
fIN=10 kHz;
V
-75
-75
dB
fIN2=11.5 kHz
Note 1: Fixed 50
Ω resistor from REF OUT to REF IN and REF OUT to BIP OFF.
Note 2: VEE is optional and is only used to set the mode for the internal sample/hold. When not using VEE, the pin should be treated
as a no connect. If VEE is connected to 0 to -15 V, aperture delay (tAP) will increase from 20 ns (typ) to 4000 ns (typ).
Note 3: Available for external loads; external load should not change during conversion.


Similar Part No. - SPT574BCN

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT574BCN CADEKA-SPT574BCN Datasheet
490Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
More results

Similar Description - SPT574BCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT774 ETC-SPT774 Datasheet
113Kb / 12P
   FAST, COMPLETE 12-BIT UP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT674 ETC1-SPT674 Datasheet
87Kb / 12P
   FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 CADEKA-SPT574 Datasheet
490Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com