Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MP3H6115A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part No. MP3H6115A
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3H6115A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MP3H6115A Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Sensors
Freescale Semiconductor
5
MP3H6115A
Transfer Function (MP3H6115A)
Normal Transfer Value: VOUT = VS x (0.009 x P – 0.095)
± (Pressure Error x Temp. Factor x 0.009 x VS)
VS = 3.0 ± 0.3 VDC
Temperature in C°
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0°C to -40°C and from 85°C to 125°C
MP3H6115A Series
Temperature Error Band
Temp
Multiplier
-40
3
0 to 85
1
125
1.75
Break Points
Error Limits for Pressure
1.0
-1.0
-2.0
0.0
2.0
- 3.0
3.0
Pressure (in kPa)
Pressure
Error (Max)
15 to 115 (kPa)
±1.5 (kPa)
20
40
60
80
100
120
Pressure Error Band


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MPXV5050VC6T1 High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1  2  3  4  5  More Freescale Semiconductor, Inc
MPXAZ4115A MEDIA RESISTANT INTEGRATED SILICON PRESSURE SENSOR FOR MANIFOLD ABSOLUTE PRESSURE ALTIMETER OR BAROMETER APPLICATIONS ON-CHIP SIGNAL CONDITIONED TE 1  2  3  4  5  More Freescale Semiconductor, Inc
MPXV6115VC6U High Temperature Accuracy ntegrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1  2  3  4  5  More Freescale Semiconductor, Inc
MPVZ5004G Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1  2  3  4  5  More Freescale Semiconductor, Inc
MPXV7002 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1  2  3  4  5  More Freescale Semiconductor, Inc
MPX4080D Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1  2  3  4  5  More Freescale Semiconductor, Inc
MPXV7025G Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1  2  3  4  5  More Freescale Semiconductor, Inc
MPX5100 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1  2  3  4  5  More Motorola, Inc
MPXV5004G Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated 1  2  3  4  5  More Freescale Semiconductor, Inc
MPXAZ6115A Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn