Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-628Y402 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTP-628Y402
Description  BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-628Y402 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTP-628Y402 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-628Y402 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-628Y402 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-628Y402 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-628Y402 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-628Y402 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FTP-628MCL701
n
FUnCTiOn
m
e
tI
m
e
tI
.
1
n
o
it
c
n
u
f
t
n
ir
p
t
s
e
T
.
8
n
o
it
c
n
u
f
n
o
it
c
e
t
e
d
k
r
a
M
.
2
n
o
it
c
e
t
e
d
t
u
o
r
e
p
a
P
.
9
n
o
it
c
e
t
e
d
y
ti
l
a
m
r
o
n
b
a
n
o
it
a
r
e
p
o
U
C
M
.
3
n
o
it
c
e
t
e
d
d
n
e
r
a
e
n
r
e
p
a
P
.
0
1
n
o
it
c
e
t
o
r
p
e
c
n
e
u
q
e
s
F
F
O
/
N
O
r
e
w
o
P
.
4
y
ti
l
a
m
r
o
n
b
a
e
r
u
t
a
r
e
p
m
e
t
d
a
e
h
l
a
m
r
e
h
T
n
o
it
c
e
t
e
d
.
1
1
n
o
it
c
e
t
o
r
p
t
n
e
r
r
u
c
-
r
e
v
o
r
o
t
o
M
.
5
n
o
it
c
e
t
e
d
e
s
u
f
t
u
o
-
w
o
l
B
.
2
1
r
e
m
it
e
r
a
w
d
r
a
H
.
6
n
o
it
c
e
t
e
d
y
ti
l
a
m
r
o
n
b
a
e
g
a
tl
o
v
d
a
e
H
.
7
n
o
it
c
n
u
f
g
n
i
v
a
s
r
e
w
o
p
r
o
t
o
M
n
diMEnSiOnS


Similar Part No. - FTP-628Y402

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628Y402 FUJITSU-FTP-628Y402 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-628Y402 FUJITSU-FTP-628Y402 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628Y402 FUJITSU-FTP-628Y402 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
More results

Similar Description - FTP-628Y402

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628MCL103 FUJITSU-FTP-628MCL103 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
FTP-628MCL401 FUJITSU-FTP-628MCL401 Datasheet
604Kb / 9P
   Battery Driven FTP-608 Series 2??high speed thermal p rinter
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
FTP-628WSL100 FUJITSU-FTP-628WSL100 Datasheet
354Kb / 9P
   Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
FTP-628WSL110 FUJITSU-FTP-628WSL110 Datasheet
484Kb / 6P
   Battery drive, MOBILE type Compact standalone thermal pl printer 2??easy loading model
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
379Kb / 8P
   24V driveN high speed thermal printer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com