Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM64J71S205Q3 Datasheet(PDF) 1 Page - ITT Industries

Part # DM64J71S205Q3
Description  Miniature Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM64J71S205Q3 Datasheet(HTML) 1 Page - ITT Industries

  DM64J71S205Q3 Datasheet HTML 1Page - ITT Industries DM64J71S205Q3 Datasheet HTML 2Page - ITT Industries DM64J71S205Q3 Datasheet HTML 3Page - ITT Industries DM64J71S205Q3 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H–75
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
Models Available
C&K DM Series
Miniature Illuminated Power Rocker Switches
Features/Benefits
3 AMPS to 10 AMPS
Illuminated LED
Positive detent
RoHS compliant
Typical Applications
Instrumentation
Industrial
Office machines
Specifications
CONTACT RATING: DM14 and DM24 Models: 3 AMPS @
125 V AC; 2 AMPS @ 250 V AC. DM54 and DM64 Models:
10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL/CSA).
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
NOTE: Any models supplied with Q contact material are RoHS compliant. For the latest
information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specification and materials listed above are for standard switches.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING: 6/6 nylon (UL94V-2), black.
ACTUATOR: 6/6 nylon (UL94V-2), black.
MOVABLE CONTACTS: DM14 and DM24 Models: Copper,
silver plated. DM54 and DM64 Models: Coin silver, silver plated.
STATIONARY CONTACTS & TERMINALS: Copper or brass,
silver plated.
LED TERMINALS: Brass, unplated.
CONTACT SPRING: Music wire or stainless steel.
OPERATING TEMPERATURE: -20ºC to +85ºC
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages H–75 and H–78. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
DM14 SPST, 3 AMP
DM24 DPST, 3 AMP
DM54 SPST, 10 AMP
DM64 DPST, 10 AMP
Actuator
J7 Rocker with colorless
LED window
Actuator Color
2 Black
1 White
Housing Style/Color
S2 Snap-in, black
G2 Actuator guard, black
Contact Material
Q Silver
Terminations
05 Quick connect
LED Color
3 Red
4 Amber
6 Green


Similar Part No. - DM64J71S205Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM6446ANB6C2127VC TI1-DM6446ANB6C2127VC Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media System-on-Chip
DM6446AZWTKEDACOM TI1-DM6446AZWTKEDACOM Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media System-on-Chip
DM6446GB6C0121MV TI1-DM6446GB6C0121MV Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media System-on-Chip
logo
National Semiconductor ...
DM64ALS08 NSC-DM64ALS08 Datasheet
104Kb / 4P
   Quad 2-Input AND Gate
DM64ALS08M NSC-DM64ALS08M Datasheet
104Kb / 4P
   Quad 2-Input AND Gate
More results

Similar Description - DM64J71S205Q3

ManufacturerPart #DatasheetDescription
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4012-0000 CWIND-GRL-4012-0000 Datasheet
189Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0021 CWIND-GRL-4011-0021 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0012 CWIND-GRL-4021-0012 Datasheet
194Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com