Electronic Components Datasheet Search |
|
BKAD3A234MAA40101SA Datasheet(PDF) 4 Page - ITT Industries |
|
BKAD3A234MAA40101SA Datasheet(HTML) 4 Page - ITT Industries |
4 / 19 page www.ittcannon.com 5 Dimensions are shown in inches (millimeters). Dimensions subject to change. ARINC 600 BKAD/E/F Shell Dimensions - Size 1 Plug Retainer Plate *This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity. For further information, refer to ARINC 600 specification or consult factory. Size 1 Receptacle Panel Cutout Retainer Plate Size 1 Plug Panel Cutout Receptacle For further information, refer to ARINC 600 specification or consult factory. * This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity. .205 (5.21) * .195 (4.95) .5.465 (138.81) 5.455 (138.56) .125 (3.18) * .105 (2.67) 3.825 (97.16) 3.815 (96.90) .135 (3.43) * .115 (2.92) 2.059 (52.30) 2.049 (52.04) 1.313 (33.35) 1.303 (33.10) .135 (3.43) .125 (3.18) .575 (14.60) .565 (14.35) .705 (17.91) .695 (17.65) .830 (21.08) .820 (20.83) .205 (5.21) * .195 (4.95) 5.465 (138.81) 5.455 (138.56) .125 (3.18) * .105 (2.67) 3.825 (97.16) 3.815 (96.90) .135 (3.43) * .115 (2.92) 2.059 (52.30) 2.049 (52.04) 1.313 (33.35) 1.303 (33.10) .135 (3.43) .125 (3.18) .575 (14.60) .565 (14.35) .705 (17.91) .695 (17.65) .810 (20.57) .800 (20.32) BKAD SERIES 1.198 (30.43) MAX BKAE SERIES 1.550 (39.37) MAX .620MIN (15.75) .479 (12.17) .469 (11.91) .188 (4.78) .184 (4.67) 6.500 MAX (165.10) 6.995 MAX (177.67) .385 (9.78) MAX .130 (3.30) .120 (3.05) BKAE SERIES 1.402 (35.61)MAX 1.195 (30.35)MAX BKAD SERIES 1.102 (27.99) MAX 1.110 (28.19) 1.090 (27.69) .655 (16.64) .645 (16.38) .148 + _ .003 (3.76 + _ 0.08)DIA 4 PLCS MTG HOLES 1.150(29.21)MIN .653 (16.59) .647 (16.43) .180 (4.57) .166 (4.22) 4 PL 6.890 (175.01) MIN 6.353 (161.37) 6.347 (161.21) .030 (.76)R MAX 4 PL .250 (6.35) MAX 3.85 (9.78) 3.75 (9.52) .191 (4.85) 189 (4.80) 3 PL .608 MAX (15.44) .6.515 MIN (165.48) .030 R MAX (.76) 4 PL .120 R MAX (3.05) 4 PL D .240 (6.10)MAX .030 R (.76) MAX 2 PL .191 (4.85) 2 PL .189 (4.80) 6.870 (174.50) MIN 6.353 (161.37) 6.347 (161.21) .240 (6.10) MAX 3.65 (9.27) 3.55 (9.02) .930 (23.62) MIN .653 (16.59) .647 (16.43) .180 (4.57) .166 (4.22) 4 PL D .120 R (3.05) MAX 4 PL .287 R (7.29) MAX 4 PL 6.355 (161.42) 6.345 (161.16) 6.645 (168.78) 6.629 (168.38) C B A C B A C B A .188 (4.78) .184 (4.67) BKAD/BKAF SERIES 1.317 (33.45) MAX BKAE SERIES 1.670 (42.42) 7.455 MAX (189.36) .130 (3.30) .120 (3.05) BKAE SERIES 1.531 (38.89) MAX BKAD/BKAF SERIES 1.221 (31.01) MAX 1.010 (25.65) .990 (25.15) .655 (16.64) .645 (16.38) .148 + _ .003 (3.76 + _ 0.08)DIA 4 PLCS MTG HOLES 6.355 (161.42) 6.345 (161.16) 6.627 (168.33) 6.607 (167.82) C B A |
Similar Part No. - BKAD3A234MAA40101SA |
|
Similar Description - BKAD3A234MAA40101SA |