Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F480 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F480
Description  16-bit Proprietary Microcontroller CMOS
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F480 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F480 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F480 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F480 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F480 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F480 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F480 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F480 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F480 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F480 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 113 page
background image
MB90480/485 Series
2
s FEATURES
•Clock
Minimum instruction execution time: 40.0 ns/6.25 MHz base frequency multiplied
×4(25MHzinternaloperating
frequency/3.3 V
± 0.3 V)
62.5 ns/4 MHz base frequency multiplied
× 4 (16 MHz internal operating
frequency/3.0 V
± 0.3 V) PLL clock multiplier
• Maximum memory space: 16 Mbyte
• Instruction set optimized for controller applications
Supported data types (bit, byte, word, or long word)
Typical addressing modes (23 types)
Enhanced signed multiplication/division instruction and RETI instruction functions
32-bit accumulator for enhanced high-precision calculation
• Instruction set designed for high-level language (C) and multi-task operations
System stack pointer adopted
Instruction set compatibility and barrel shift instructions
• Non-multiplex bus/multiplex bus compatible
• Enhanced execution speed
4 byte instruction queue
• Enhanced interrupt functions
8 levels setting with programmable priority, 8 external interrupts
• Data transmission function (
µDMA)
Up to 16 channels
• Embedded ROM
Flash versions : 192 KB, 256 KB, MASK versions : 192 KB
• Embedded RAM
Flash versions : 4 KB, 6 KB, 10 KB, MASK versions : 10 KB
• General purpose ports
Up to 84 ports
(Except MB90V480 : Includes 16 ports with input pull-up resistance, 16 ports with output open drain settings)
• A/D converter
8-channel RC sequential comparison type (10-bit resolution, 3.68
µs conversion time (at 25 MHz) )
•I2C interface (MB90485 series only) : 1channel, P76/P77 Nch OD pin (without Pch)
Do not apply high voltage in excess of recommended operating ranges
to the Nch open drain pin (with Pch) in MB90V485.
µPG (MB90485 series only) : 1 channel
• UART: 1 channel
• I/O expanded serial interface (SIO) : 2 channels
• 8/16-bit PPG: 3 channels (with 8-bit
× 6 channel/16-bit × 3 channel mode switching function)
• 8/16-bit up/down timer: 1 channel (with 8-bit
× 2 channel/16-bit × 1-channel mode switching function)
• PWC (MB90485 series only) : 3 channels (Capable of compare the inputs to two of the three)
• 3 V/5 V I/F pin (MB90485 series only)
P20 to P27, P30 to P37, P40 to P47, P70 to P77
• 16-bit reload timer: 1 channel
• 16-bit I/O timer: 2-channel input capture, 6-channel output compare, 1-channel free run timer
• On chip dual clock generator system
• Low-power consumption mode
With stop mode, sleep mode, CPU intermittent operation mode, watch mode, timebase timer mode
• Packages: QFP 100/LQFP 100
• Process: CMOS technology
• Power supply voltage: 3 V, single source (some ports can be operated by 5 V power supply at MB90485 series)


Similar Part No. - MB90F480

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90F481B FUJITSU-MB90F481B Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F481B FUJITSU-MB90F481B Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F481BPF FUJITSU-MB90F481BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F481BPF FUJITSU-MB90F481BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90F480

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com