Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5955MTDX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5955MTDX
Description  11-bit, 55MSPS Broadband Monolithic A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5955MTDX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC5955MTDX Datasheet HTML 2Page - National Semiconductor (TI) CLC5955MTDX Datasheet HTML 3Page - National Semiconductor (TI) CLC5955MTDX Datasheet HTML 4Page - National Semiconductor (TI) CLC5955MTDX Datasheet HTML 5Page - National Semiconductor (TI) CLC5955MTDX Datasheet HTML 6Page - National Semiconductor (TI) CLC5955MTDX Datasheet HTML 7Page - National Semiconductor (TI) CLC5955MTDX Datasheet HTML 8Page - National Semiconductor (TI) CLC5955MTDX Datasheet HTML 9Page - National Semiconductor (TI) CLC5955MTDX Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
http://www.national.com
6
CLC5955
CLC5955 Typical Performance Characteristics (V
cc = +5V)
SNR and SFDR vs.
Input Amplitude (w/Dither)
Input Amplitude (dBFS)
10
20
30
40
50
60
90
-50
-40
-30
-20
-10
0
SFDR
Fin = 20MHz
Fs = 66MSPS
Input Amplitude (dBFS)
SFDR
Fin = 75MHz
Fs = 66MSPS
SFDR
Fin = 150MHz
Fs = 66MSPS
SNR and SFDR vs.
Input Amplitude (w/o Dither)
SNR and SFDR vs.
Input Amplitude (w/o Dither)
Input Amplitude (dBFS)
10
90
-50
-40
-30
70
-20
-10
50
30
80
60
40
20
0
SFDR
THD
Fin = 20MHz
Fs = 66MSPS
70
80
THD
THD
10
90
-50
-40
-30
70
-20
-10
50
30
80
60
40
20
0
SNR
SNR
SNR
SNR
SNR
Input Amplitude (dBFS)
SFDR
Fin = 250MHz
Fs = 66MSPS
SNR and SFDR vs.
Input Amplitude (w/o Dither)
THD
10
90
-50
-40
-30
70
-20
-10
50
30
80
60
40
20
0
Input Amplitude (dBFS)
SNR and SFDR vs.
Input Amplitude (w/o Dither)
10
90
-50
-40
-30
70
-20
-10
50
30
80
60
40
20
0
THD
Two Tone Output Spectrum (w/Dither)
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
20
Fs = 66MSPS
F1 = 249.5MHz
F2 = 251.5MHz
510
15
25
30
Two Tone Output Spectrum (w/Dither)
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Fs = 66MSPS
F1 = 149.5MHz
F2 = 150.5MHz
0
20
510
15
25
30
Two Tone Output Spectrum (w/Dither)
Frequency (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
20
510
15
25
30
Fs = 66MSPS
F1 = 74.5MHz
F2 = 75.5MHz
Dither Signal =
300KHz @ -28dBFS
Dither Signal =
500KHz @ -28dBFS
Dither Signal =
300KHz @ -28dBFS


Similar Part No. - CLC5955MTDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956IMTD NSC-CLC5956IMTD Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956IMTDX NSC-CLC5956IMTDX Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5956PCASM NSC-CLC5956PCASM Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
   12-bit, 70MSPS Broadband Monolithic A/D Converter
More results

Similar Description - CLC5955MTDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5957 NSC-CLC5957_02 Datasheet
1Mb / 16P
   12-Bit, 70MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
   12-bit, 70MSPS Broadband Monolithic A/D Converter
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
   11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
DAC210 AD-DAC210_15 Datasheet
1Mb / 4P
   11-BIT VOLTAGE OUTPUT D/A CONVERTER
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861 Datasheet
95Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
AD7861 AD-AD7861_17 Datasheet
128Kb / 7P
   11-Bit Resolution Simultaneous Sampling A/D Converter
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com