Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-766 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 3Page - Advanced Micro Devices AMD-766 Datasheet HTML 4Page - Advanced Micro Devices AMD-766 Datasheet HTML 5Page - Advanced Micro Devices AMD-766 Datasheet HTML 6Page - Advanced Micro Devices AMD-766 Datasheet HTML 7Page - Advanced Micro Devices AMD-766 Datasheet HTML 8Page - Advanced Micro Devices AMD-766 Datasheet HTML 9Page - Advanced Micro Devices AMD-766 Datasheet HTML 10Page - Advanced Micro Devices AMD-766 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
7
3
Signal Descriptions
3.1
Terminology
See section 5.1.2 for a description of the register naming conventions used in this document. See section 4.6.1.5 for a
description of the system power states: MOFF, SOFF, STD, STR, POS, C3, C2, and FON. See section 3.9 for a
description of the power planes. See section 4.1.1 for a description of the types of resets.
Signals with a # suffix are active low.
Note: All inputs are 5-volt tolerant except analog pins and as noted in the pin descriptions.
Signals described in this chapter utilize the following IO cell types:
Name
Notes
Input
Input signal only.
Output
Output signal only. This includes outputs that are capable of being in the high-impedance state.
OD
Open drain output. These pins are driven low and designed to be pulled high by external circuitry.
IO
Input or output signal.
IOD
Input or open-drain output.
w/H
With hysteresis on the input (applied with other signal types).
-PU
Pull up included (applied with other signal types). An internal pull-up resister is provided to the line.
These pull-ups are enabled by C3A48. The resistors vary over process, voltage and temperature from
3400 to 7150 ohms.
-PD
Pull down included (applied with other signal types). An internal pull-down resister is provided to the
line. These pull-downs are enabled by C3A48. The resistors vary over process, voltage and temperature
from 3400 to 7150 ohms.
Analog
Analog signal.
The following provides definitions and reference data about each of the IC’s pins. “During Reset” provides the state
of the pin while the pin’s power plane is being reset (while RESET# is low for the main power plane; while the
internal RST_SOFT signal is asserted for the VDD_AUX power plane). “After Reset” provides the state of the pin
immediately after that reset. “During POS” provides the state of the pin while in the power on suspend system sleep
states. “During S3:S5” provides the state of the pin while in the suspend to disk, suspend to RAM, or soft off system
sleep states. “Func” means that the signal is active or functional, operating per its defined function. “Last State”
indicates that the signal remains in the state that it was in when the system entered POS.


Similar Part No. - AMD-766

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD-761 AMD-AMD-761 Datasheet
2Mb / 264P
   AMD-761-TM System Controller Software/BIOS Design Guide
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
   System Controller
AMD-762JLC AMD-AMD-762JLC Datasheet
2Mb / 122P
   System Controller
More results

Similar Description - AMD-766

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
logo
PLX Technology
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
   Local Bus to USB 2.0 Hi-Speed Peripheral Controller
logo
List of Unclassifed Man...
TE6138 ETC1-TE6138 Datasheet
1Mb / 48P
   IEEE1284 Peripheral Controller
logo
PLX Technology
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
   Local bus to Hi-Speed USB Host, Peripheral/OTG controller
logo
List of Unclassifed Man...
NET2272 ETC2-NET2272 Datasheet
560Kb / 102P
   USB 2.0 Peripheral Controller
logo
Siemens Semiconductor G...
SAB82C250 SIEMENS-SAB82C250 Datasheet
729Kb / 34P
   ADVANCED PERIPHERAL INTERFACE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com