Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM051QDQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM051QDQ1
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM051QDQ1 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDM051QDQ1 Datasheet HTML 1Page - Texas Instruments SN65LVDM051QDQ1 Datasheet HTML 2Page - Texas Instruments SN65LVDM051QDQ1 Datasheet HTML 3Page - Texas Instruments SN65LVDM051QDQ1 Datasheet HTML 4Page - Texas Instruments SN65LVDM051QDQ1 Datasheet HTML 5Page - Texas Instruments SN65LVDM051QDQ1 Datasheet HTML 6Page - Texas Instruments SN65LVDM051QDQ1 Datasheet HTML 7Page - Texas Instruments SN65LVDM051QDQ1 Datasheet HTML 8Page - Texas Instruments SN65LVDM051QDQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN65LVDM050-Q1, SN65LVDM051-Q1
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SGLS128 – JULY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
driver electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOD
Differential output voltage magnitude
RL =50 Ω
247
340
454
∆VOD
Change in differential output voltage magnitude between logic
states
RL = 50 Ω,
See Figure 1 and Figure 2
–50
50
mV
VOC(SS)
Steady-state common-mode output voltage
1.125
1.2
1.375
V
∆VOC(SS)
Change in steady-state common-mode output voltage between
logic states
See Figure 3
–50
50
mV
VOC(PP)
Peak-to-peak common-mode output voltage
50
mV
IIH
High level input current
DE
VIH =5V
– 0.5
– 20
µA
IIH
High-level input current
D
VIH = 5 V
2
20
µA
IIL
Low level input current
DE
VIL =0 8V
– 0.5
–10
µA
IIL
Low-level input current
D
VIL = 0.8 V
2
10
µA
IOS
Short circuit output current
VOY or VOZ = 0 V
7
10
mA
IOS
Short-circuit output current
VOD = 0 V
7
10
mA
IOZ
High impedance output current
VOD = 600 mV
±1
µA
IOZ
High-impedance output current
VO = 0 V or VCC
±1
µA
IO(OFF)
Power-off output current
VCC = 0 V, VO = 3.6 V
±1.5
µA
CIN
Input capacitance
3
pF
receiver electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going differential input voltage threshold
See Figure 4 and Table 1
50
mV
VIT–
Negative-going differential input voltage threshold
See Figure 4 and Table 1
–50
mV
VOH
High-level output voltage
IOH = –8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
II
Input current (A or B inputs)
VI = 0
–2
–11
–20
µA
II
Input current (A or B inputs)
VI = 2.4 V
–1.2
–3
µA
II(OFF)
Power-off input current (A or B inputs)
VCC = 0
±20
µA
IIH
High-level input current (enables)
VIH = 5 V
10
µA
IIL
Low-level input current (enables)
VIL = 0.8 V
10
µA
IOZ
High-impedance output current
VO = 0 or 5 V
±10
µA
CI
Input capacitance
5
pF
† All typical values are at 25
°C and with a 3.3-V supply.


Similar Part No. - SN65LVDM051QDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM051QDQ1 TI1-SN65LVDM051QDQ1 Datasheet
936Kb / 25P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDM051QDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com