Electronic Components Datasheet Search |
|
CA00COM-PG12S-1SW-B-DN Datasheet(PDF) 4 Page - ITT Industries |
|
CA00COM-PG12S-1SW-B-DN Datasheet(HTML) 4 Page - ITT Industries |
4 / 42 page All dimensions are in mm Subject to changes CA-COM 4 Series CA - Cannon designation Shell style 00 - Wall mount receptacle 01 - Cable connecting plug 02 - Box mount receptacle 20 - Box mount receptacle for rear wall mounting (Bayonett coupling only) 06 - Plug, straight 08 - Plug 90 ° Class COM-E - Endbell with cable clamp 1) COM-F - Endbell for flex tube COM-PG - Adapter for PG termination, environmental COM-L - PCB Solder termination COM-IN - universal endbell Shell size 10SL, 12S, 14S, 16, 16S, 18, 20, 22, 24, 28, 32*, 36* (* = upon request) Contact arrangement see pages 6 – 8 Contact type P - Pin contact S - Socket contact Alternate insert position Insert insulator position – see page 9 Coupling B - Bayonet coupling - without designation: threaded coupling Modification 01 - metric crimp contacts 03 - Adapter for heat shrink boots and metric crimp contacts (only for bayonet coupling by shell style 01 + 06 class -E) 06 - Adapter for heat shrink boots and solder contacts (only for bayonet coupling by shell style 01 + 06 class -E) 44 - with end ring and grommet (for class E and F only) 48 - F-Endbell with O-ring DN - Adapter for heat shrink boots and solder contacts (Mod. for threaded coupling) F0 - without contacts (to be ordered separately) 1) except shell style 02 / 20 How to order CA 06 COM-E 18-1 P W xx CA 06 COM-E 18-1 P W - B - xx #1171_CA-COM_englisch_250900 18.10.2000, 8:20 Uhr 4 |
Similar Part No. - CA00COM-PG12S-1SW-B-DN |
|
Similar Description - CA00COM-PG12S-1SW-B-DN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |