Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS55171 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS55171
Description  262144 BY 16-BIT MULTIPORT VIDEO RAMS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55171 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS55171 Datasheet HTML 5Page - Texas Instruments TMS55171 Datasheet HTML 6Page - Texas Instruments TMS55171 Datasheet HTML 7Page - Texas Instruments TMS55171 Datasheet HTML 8Page - Texas Instruments TMS55171 Datasheet HTML 9Page - Texas Instruments TMS55171 Datasheet HTML 10Page - Texas Instruments TMS55171 Datasheet HTML 11Page - Texas Instruments TMS55171 Datasheet HTML 12Page - Texas Instruments TMS55171 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
TMS55160, TMS55161, TMS55170, TMS55171
262144 BY 16-BIT MULTIPORT VIDEO RAMS
SMVS464 – MARCH1996
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Table 3. Pin Description Versus Operational Mode
PIN
DRAM
TRANSFER
SAM
A0 – A8
Row, column address
Row address, tap point
RAS
Row-address strobe
Row-address strobe
CASL
CASU
Column-address strobe, DQ output enable
Tap-address strobe
DSF
Block-write enable
Load-write-mask-register enable
Load-color-register enable
CBR (option reset)
Split-register-transfer enable
TRG
DQ output enable
Transfer enable
WE
Write enable, write-per-bit enable
DQx
DRAM data I/O, write mask
SC
Serial clock
SE
SQ output enable,
QSF output enable
SQx
Serial-data output
QSF
Serial-register status
VCC†
Power supply
VSS†
Ground
NC/GND
Make no external connection or tie to system GND
† For proper device operation, all VCC pins must be connected to a 5.0-V supply and all VSS pins must be tied to ground.
pin definitions
address (A0 –A8)
Eighteen address bits are required to decode one of 262 144 storage cell locations. Nine row-address bits are
set up on pins A0 –A8 and latched onto the chip on the falling edge of RAS. Nine column-address bits are set
up on pins A0 –A8 and latched onto the chip on the first falling edge of CASx. All addresses must be stable on
or before the falling edge of RAS and the first falling edge of CASx.
In 4-column block-write operations (TMS5516x), column-address bits A0 – A1 are ignored. Column-address bits
A2 – A8 become the block address that selects one of the 128 blocks in the active row. In 8-column block write
operations (TMS5517x), column-address bits A0 – A2 are ignored. Column address bits A3 – A8 become the
block address that selects one of the 64 blocks in the active row.
In full-register operations, column-address bit A8 selects which half of the active row in the DRAM is transferred
to the SAM. Column address bits A0 –A7 select one of 256 tap points (starting positions) for the serial-data
output.
In split-register-transfer operations, column address bit A8 selects the DRAM half row. Column-address bit A7
is ignored. The internal serial-address counter identifies which half of the SAM is in use. If the high half of the
SAM is in use, the low half of the SAM is loaded with the low half of the DRAM half row, and vice versa.
Column-address bits A0 – A6 select one of 127 tap points (starting locations) for the serial output. Locations 127
and 255 are not valid tap points in split-register-transfer operations. In stop-point mode, stop-point locations are
not valid tap points in split-register-transfer operations.
row-address strobe (RAS)
The falling edge of RAS latches the states of the row address, CASL, CASU, DSF, TRG, WE, and the DQs onto
the chip to initiate DRAM and transfer functions. RAS also functions as a DRAM output enable.


Similar Part No. - TMS55171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55175 TI-TMS55175 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS55176 TI-TMS55176 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
More results

Similar Description - TMS55171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
logo
Austin Semiconductor
SM55161A AUSTIN-SM55161A Datasheet
1Mb / 64P
   262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
logo
Texas Instruments
TMS27C240-10JL TI-TMS27C240-10JL Datasheet
203Kb / 15P
[Old version datasheet]   TMS27C240 262144 BY 16-BIT UV ERASABLE TM27PC240 262144 BY 16-BIT
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com