Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS55171 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS55171
Description  262144 BY 16-BIT MULTIPORT VIDEO RAMS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55171 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS55171 Datasheet HTML 6Page - Texas Instruments TMS55171 Datasheet HTML 7Page - Texas Instruments TMS55171 Datasheet HTML 8Page - Texas Instruments TMS55171 Datasheet HTML 9Page - Texas Instruments TMS55171 Datasheet HTML 10Page - Texas Instruments TMS55171 Datasheet HTML 11Page - Texas Instruments TMS55171 Datasheet HTML 12Page - Texas Instruments TMS55171 Datasheet HTML 13Page - Texas Instruments TMS55171 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
TMS55160, TMS55161, TMS55170, TMS55171
262144 BY 16-BIT MULTIPORT VIDEO RAMS
SMVS464 – MARCH1996
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
column-address strobe (CASL, CASU)
The first falling edge of CASx latches the states of the column address and DSF onto the chip to control DRAM
and transfer functions. CASL and CASU provide byte control in DRAM operations. CASL controls the lower byte
(DQ0 – DQ7), and CASU controls the upper byte (DQ8 – DQ15). Byte control can be applied in read cycles, write
cycles, block-write cycles, load-write-mask-register cycles, and load-color-register cycles. CASx also functions
as a DRAM output enable.
special-function select (DSF)
DSF is latched on the falling edge of RAS and the falling edge of CASx to determine which functions are invoked
on a particular cycle (see Table 2).
output enable, transfer select (TRG)
TRG selects either DRAM or transfer operation as RAS falls. Holding TRG high on the falling edge of RAS
selects the DRAM operation. Dropping TRG low on the falling edge of RAS selects the transfer operation. TRG
also functions as DRAM output enable.
write enable, write-per-bit select (WE)
WE selects either the write mode or the read mode in a CASx cycle. Dropping WE low selects the write mode.
Holding WE high selects the read mode. Holding WE low on the falling edge of RAS selects the write-per-bit
operation.
DRAM data I/O, write mask, column mask (DQ0 – DQ15)
DQ0 – DQ15 function as the DRAM input / output port in DRAM operations. In normal DRAM write cycles, all
16 bits of write data are latched on either the falling edge of WE or the first falling edge of CASx, whichever
occurs later. Similarly, the DQs are latched as write mask in load-mask-register cycles, as color data in
load-color-register cycles, and as column mask in block-write cycles. In non-persistent write-per-bit cycles, the
DQs are latched as the write mask on the falling edge of RAS.
Data out is in the same polarity as data in. The 3-state output buffer provides direct TTL compatibility (no pullup
resistor required) with a fan-out of one Series 74 TTL load. The outputs are in the high-impedance (floating) state
until RAS, CASx, and TRG have all been brought low in read cycles. For the TMS551x0 devices, the outputs
remain valid until CASx is brought high, TRG is brought high, or WE is brought low. For the TMS551x1 devices,
the outputs remain valid until both RAS and CASx are brought high, TRG is brought high, or WE is brought low.
serial clock (SC)
The rising edge of SC increments the internal serial-address counter and accesses serial data at the next SAM
location.
serial enable (SE)
SE functions as the output enable for SQ0 – SQ15 and QSF. SE low enables the serial-data output. SE high
disables the serial-data output. Holding SE high does not disable the serial clock SC. The rising edge of SC
automatically increments the internal serial-address counter regardless of the state of SE.
serial data outputs (SQ0 – SQ15)
SQ0 – SQ15 function as the SAM output port. The 3-state output buffer provides direct TTL compatibility (no
pullup resistors) with a fan-out of one Series 74 TTL load. Serial data is accessed from the SAM on the rising
edge of SC. SE low enables the outputs. The outputs are in the high-impedance (floating) state when disabled.
special-function output (QSF)
QSF is an output pin that indicates which half of the SAM is being accessed. QSF is low when the internal
serial-address counter points to the lower (least significant) 128 bits of the SAM. QSF is high when the internal
serial-address counter points to the higher (most significant) 128 bits of SAM. QSF is in the high-impedance
state when SE is high.


Similar Part No. - TMS55171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55175 TI-TMS55175 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS55176 TI-TMS55176 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
More results

Similar Description - TMS55171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
logo
Austin Semiconductor
SM55161A AUSTIN-SM55161A Datasheet
1Mb / 64P
   262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
logo
Texas Instruments
TMS27C240-10JL TI-TMS27C240-10JL Datasheet
203Kb / 15P
[Old version datasheet]   TMS27C240 262144 BY 16-BIT UV ERASABLE TM27PC240 262144 BY 16-BIT
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com