Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F365DCX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F365DCX
Description  Hex Buffer/Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F365DCX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F365DCX Datasheet HTML 1Page - National Semiconductor (TI) 74F365DCX Datasheet HTML 2Page - National Semiconductor (TI) 74F365DCX Datasheet HTML 3Page - National Semiconductor (TI) 74F365DCX Datasheet HTML 4Page - National Semiconductor (TI) 74F365DCX Datasheet HTML 5Page - National Semiconductor (TI) 74F365DCX Datasheet HTML 6Page - National Semiconductor (TI) 74F365DCX Datasheet HTML 7Page - National Semiconductor (TI) 74F365DCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
25
46
65
20
70
20
70
ns
tPHL
In to On
25
49
70
20
70
20
75
tPZH
Enable Time
25
51
95
20
85
25
100
ns
tPZL
25
57
90
20
85
25
95
tPHZ
Disable Time
20
36
65
15
65
20
70
ns
tPLZ
20
44
65
15
90
20
70
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
365
S
C
X
Temperature Range Family
Special Variations
74FeCommercial
QB e Military grade device with
54FeMilitary
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reels
Package Code
Temperature Range
P e Plastic DIP
CeCommercial (0 Cto a70 C)
D e Ceramic DIP
MeMilitary (b55 Cto a125 C)
F e Flatpak
L e
Leadless Chip Carrier (LCC)
S e Small Outline (SOIC)
4


Similar Part No. - 74F365DCX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F365 PHILIPS-74F365 Datasheet
94Kb / 10P
   Buffers/drivers
1999 Jan 08
logo
Fairchild Semiconductor
74F365 FAIRCHILD-74F365 Datasheet
40Kb / 4P
   Hex Buffer/Driver with 3-STATE Outputs
74F365PC FAIRCHILD-74F365PC Datasheet
40Kb / 4P
   Hex Buffer/Driver with 3-STATE Outputs
74F365SC FAIRCHILD-74F365SC Datasheet
40Kb / 4P
   Hex Buffer/Driver with 3-STATE Outputs
More results

Similar Description - 74F365DCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC365 NSC-MM54HC365 Datasheet
141Kb / 8P
   Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
logo
Fairchild Semiconductor
74F365 FAIRCHILD-74F365 Datasheet
40Kb / 4P
   Hex Buffer/Driver with 3-STATE Outputs
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT241 NSC-54ABT241 Datasheet
119Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
74VHC541 NSC-74VHC541 Datasheet
146Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
MV54ACTQ541-X NSC-MV54ACTQ541-X Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com