Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

506AL Datasheet(PDF) 1 Page - ON Semiconductor

Part # 506AL
Description  MECHANICAL CASE OUTLINE PACKAGE DIMENSIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

506AL Datasheet(HTML) 1 Page - ON Semiconductor

  506AL Datasheet HTML 1Page - ON Semiconductor 506AL Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DFN8
CASE 506AL−01
ISSUE A
DATE 20 DEC 2005
SCALE 2:1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND
0.30mm.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
GENERIC
MARKING DIAGRAM*
XXXX = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “
G”,
may or may not be present.
A
B
E
D
D2
E2
BOTTOM VIEW
b
e
8 X
0.10
B
0.05
A
C
C
K
8 X
NOTE 3
2 X
0.15 C
PIN ONE
REFERENCE
TOP VIEW
2 X
0.15 C
8 X
A
A1
(A3)
0.08 C
0.10 C
C
SEATING
PLANE
SIDE VIEW
L
8 X
14
5
8
XXXX
AYWW
1
1
8
2 X
D2
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.80
0.90
1.00
A1
0.00
0.03
0.05
A3
0.20 REF
b
0.35
0.40
0.45
D
3.30 BSC
D2
0.95
1.05
1.15
E
3.30 BSC
E2
1.80
1.90
2.00
e
0.80 BSC
K
0.21
−−−
−−−
L
0.30
0.40
0.50
STYLE 1:
PIN 1. IN
2. GND
3. CNTRL
4. DRAIN
5. SOURCE
6. GATE
7. OUT
8. VCC
2X
0.60
2.95
1.95
0.55
1
2X
0.45
0.80
PITCH
3.60
1.20
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8X
DIMENSIONS: MILLIMETERS
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
http://onsemi.com
1
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 0
Case Outline Number:
XXX
DOCUMENT NUMBER:
STATUS:
NEW STANDARD:
DESCRIPTION:
98AON20636D
ON SEMICONDUCTOR STANDARD
DFN8, 3.3X3.3 MM, 0.8 MM PITCH, DUAL FLAG
Electronic
versions are uncontrolled except when
accessed directly from the Document Repository. Printed
versions are uncontrolled except when stamped
“CONTROLLED COPY” in red.
PAGE 1 OF 2


Similar Part No. - 506AL

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
506-4488 CAMBION-506-4488 Datasheet
30Kb / 1P
   Snap on colour coded cover for 450-3888 test points
logo
Heyco.
5060 HEYCO-5060 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
List of Unclassifed Man...
5060-2 ETC2-5060-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
logo
Alpha Wire
5060/20C ALPHAWIRE-5060/20C Datasheet
99Kb / 5P
   Customer Specification
12/13/2022
5060/25C ALPHAWIRE-5060/25C Datasheet
94Kb / 5P
   Customer Specification
1/11/2023
More results

Similar Description - 506AL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
369A-13 ONSEMI-369A-13 Datasheet
21Kb / 1P
   MECHANICAL CASE OUTLINE PACKAGE DIMENSIONS
August, 2001 ??Rev. 13AB
ULLGA8 ONSEMI-ULLGA8 Datasheet
40Kb / 2P
   MECHANICAL CASE OUTLINE
08 FEB 2008
logo
New Jersey Semi-Conduct...
1N3337 NJSEMI-1N3337 Datasheet
93Kb / 1P
   CASE OUTLINE DIMENSIONS
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
   Package Outline Dimensions
logo
Diodes Incorporated
AP02002 DIODES-AP02002_1 Datasheet
775Kb / 36P
   PACKAGE OUTLINE DIMENSIONS
logo
Galaxy Semi-Conductor H...
081029132636 BILIN-081029132636 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-523 BILIN-SOT-523 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029131240 BILIN-081029131240 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
101116113633 BILIN-101116113633 Datasheet
62Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029132758 BILIN-081029132758 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com