Electronic Components Datasheet Search |
|
E301MF1AV2BE Datasheet(PDF) 8 Page - ITT Industries |
|
E301MF1AV2BE Datasheet(HTML) 8 Page - ITT Industries |
8 / 8 page G–29 G C&K E Series Sealed Miniature Toggle Switches CONTACT MATERIAL * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 END CONTACTS: Coin silver, with gold plate over nickel plate. 3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 END CONTACTS: Coin silver, silver plated. 5 CENTER CONTACT & ALL TERMINALS: Copper alloy, with gold flash over silver plate. Or copper alloy, silver plated. 6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. 7 TERMINALS: Copper alloy, with matte-tin over nickel plate. NOTE: Any models supplied with P, S, R, Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options when ordered with S, R, G, L, M or Q contact material except with F1 conductive bushing. B contact material standard with all terminations. P, S, R, K, L & M contact materials not available with Z & Z3 terminations. Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com OPTION CODE CONTACT MATERIAL TERMINAL PLATING RATINGS SILVER 5 TIN-LEAD 6 MATTE-TIN 7 GOLD 1 SILVER 4,5 GOLD OVER SILVER 2,3 GOLD 3 TIN-LEAD 6 MATTE-TIN 7 GOLD 1 TIN-LEAD 6 MATTE-TIN 7 LOW LEVEL/ DRY CIRCUIT POWER LOW LEVEL/DRY CIRCUIT OR POWER 0.4 VA MAX. @ 20 V AC OR DC MAX. E1XX & E2XX MODELS: 7.5 AMPS @ 125 V AC OR 28 V DC; 3 AMPS @ 250 V AC. E3XX MODELS: 5 AMPS @ 125 V AC OR 28 V DC; 2 AMPS @ 250 V AC. E1XX AND E2XX MODELS: 0.4 VA MAX @20 V AC OR DC MAX. OR 7.5 AMPS @125 V AC OR 28 V DC; 3 AMPS @ 250 V AC. DC E3XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 5 AMPS @ 125 V AC OR 28 V DC; 2 AMPS @ 250 V AC. B K P Q M S G L R YES NO YES YES NO YES YES NO YES YES YES YES YES YES YES YES YES YES RoHS COMPLIANT RoHS COMPATIBLE |
Similar Part No. - E301MF1AV2BE |
|
Similar Description - E301MF1AV2BE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |