Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8392AAREZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8392AAREZ
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392AAREZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8392AAREZ Datasheet HTML 4Page - Analog Devices AD8392AAREZ Datasheet HTML 5Page - Analog Devices AD8392AAREZ Datasheet HTML 6Page - Analog Devices AD8392AAREZ Datasheet HTML 7Page - Analog Devices AD8392AAREZ Datasheet HTML 8Page - Analog Devices AD8392AAREZ Datasheet HTML 9Page - Analog Devices AD8392AAREZ Datasheet HTML 10Page - Analog Devices AD8392AAREZ Datasheet HTML 11Page - Analog Devices AD8392AAREZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8392A
Rev. 0 | Page 10 of 12
MULTITONE POWER RATIO
The DMT signal used in ADSL/ADSL2+ systems carries data in
discrete tones or bins, which appear in the frequency domain in
evenly spaced 4.3125 kHz intervals. In applications using this
type of waveform, multitone power ratio (MTPR) is a commonly
used measure of linearity. MTPR is defined as the measured
difference from the peak of one tone that is loaded with data to
the peak of an adjacent tone that is intentionally left empty.
Figure 19 and Figure 20 show the AD8392A MTPR for a 5.5
crest factor waveform for empty bins in the ADSL and extended
ADSL2+ bandwidths.
0
–100
CENTER 646.9kHz
SPAN 10kHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 19. MTPR at 647 kHz
0
–100
CENTER 1.9664kHz
SPAN 10kHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 20. MTPR at 1.966 MHz


Similar Part No. - AD8392AAREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8392AAREZ AD-AD8392AAREZ Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
AD8392AAREZ-R7 AD-AD8392AAREZ-R7 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
AD8392AAREZ-RL AD-AD8392AAREZ-RL Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
More results

Similar Description - AD8392AAREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8394 AD-AD8394 Datasheet
66Kb / 2P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. Sp0
AD8392 AD-AD8392 Datasheet
529Kb / 16P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392A AD-AD8392A_16 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403 Datasheet
365Kb / 10P
   Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
logo
Intersil Corporation
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com