Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5391-EVALZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5391-EVALZ
Description  DC to 2.0 GHz Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5391-EVALZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5391-EVALZ Datasheet HTML 3Page - Analog Devices ADL5391-EVALZ Datasheet HTML 4Page - Analog Devices ADL5391-EVALZ Datasheet HTML 5Page - Analog Devices ADL5391-EVALZ Datasheet HTML 6Page - Analog Devices ADL5391-EVALZ Datasheet HTML 7Page - Analog Devices ADL5391-EVALZ Datasheet HTML 8Page - Analog Devices ADL5391-EVALZ Datasheet HTML 9Page - Analog Devices ADL5391-EVALZ Datasheet HTML 10Page - Analog Devices ADL5391-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADL5391
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
GADJ = open.
3.0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
–2.5 –2.0 –1.5 –1.0 –0.5
0
0.5
1.0
1.5
2.0
2.5
XDIFF (VDC)
Y = –2
Y = –1
Y = 0
Y = +1
Y = +2
Figure 3. Full Range DC Cross Plots
0.20
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
XDIFF (VDC)
Y = –2
Y = –1
Y = 0
Y = +1
Y = +2
Figure 4. Magnified DC Cross Plots
2.5
2.0
1.5
1.0
0.5
0
–1.0
2.0
1.5
1.0
0.5
0
–0.5
GADJ (VDC)
Figure 5. Gain vs. GADJ (X = Y = 1)
14
–14
200
–200
–150
–100
–50
–0
50
100
150
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
FREQUENCY (MHz)
Figure 6. Gain and Phase vs. Frequency of X Swept and Y = 1 V, Z = 0 V,
PIN = 0 dBm
4
–4
–3
–2
–1
0
1
3
2
200
–200
–150
–100
–50
–0
50
100
150
FREQUENCY (MHz)
Figure 7. Gain and Phase vs. Frequency of Z Inputs, X = 0 V, Y = 0 V,
PIN = 0 dBm
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
24.5
33.5
32.5
31.5
30.5
29.5
28.5
27.5
26.5
25.5
TIME (ns)
X ± INPUT = 1.0V p-p, @ 200MHz
Y ± INPUT = 1.0V DC DIFFERENTIAL
Figure 8. Large Signal Pulse Response


Similar Part No. - ADL5391-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5391-EVALZ AD-ADL5391-EVALZ Datasheet
518Kb / 15P
   DC to 2.0 GHz Multiplier
More results

Similar Description - ADL5391-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5391 AD-ADL5391_15 Datasheet
498Kb / 16P
   DC to 2.0 GHz Multiplier
REV. 0
ADL5391 AD-ADL5391_17 Datasheet
518Kb / 15P
   DC to 2.0 GHz Multiplier
logo
Hittite Microwave Corpo...
HMC165S14 HITTITE-HMC165S14 Datasheet
62Kb / 4P
   GaAS MMIC SP4T SWITCH DC TO 2.0 GHz
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM_15 Datasheet
434Kb / 17P
   17 to 37 GHz MPA/Multiplier
TGA4040 TRIQUINT-TGA4040_15 Datasheet
283Kb / 11P
   17 to 43 GHz MPA / Multiplier
logo
Mini-Circuits
MSWT-4-20 MINI-MSWT-4-20 Datasheet
244Kb / 2P
   50ohm Transfer, DC to 2.0 GHz Low Video Leakage
logo
API Technologies Corp
MR141M APITECH-MR141M Datasheet
108Kb / 1P
   RF/LO: 2.0 to 18.0 GHz IF: DC to 500 MHz
MR141H APITECH-MR141H Datasheet
109Kb / 1P
   RF/LO: 2.0 to 18.0 GHz IF: DC to 500 MHz
logo
Hexawave, Inc
HWS2152 HW-HWS2152 Datasheet
116Kb / 2P
   GaAs DC-2.0 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com