Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5501-EVALZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5501-EVALZ
Description  50 MHz to 4 GHz TruPwr Detector
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501-EVALZ Datasheet(HTML) 5 Page - Analog Devices

  ADL5501-EVALZ Datasheet HTML 1Page - Analog Devices ADL5501-EVALZ Datasheet HTML 2Page - Analog Devices ADL5501-EVALZ Datasheet HTML 3Page - Analog Devices ADL5501-EVALZ Datasheet HTML 4Page - Analog Devices ADL5501-EVALZ Datasheet HTML 5Page - Analog Devices ADL5501-EVALZ Datasheet HTML 6Page - Analog Devices ADL5501-EVALZ Datasheet HTML 7Page - Analog Devices ADL5501-EVALZ Datasheet HTML 8Page - Analog Devices ADL5501-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADL5501
Rev. 0 | Page 5 of 28
Parameter
Condition
Min
Typ
Max
Unit
RMS CONVERSION (f = 1900 MHz)
Input RFIN to Output VRMS
Input Impedance
36||0.4
Ω||pF
Input Return Loss
14.5
dB
Dynamic Range1
CW input, −40°C < TA < +85°C
±0.25 dB Error4
Delta from 25°C, VS = 5 V
32
dB
±0.25 dB Error2
VS = 3 V
5
dB
VS = 5 V
7
dB
±1 dB Error2
VS = 3 V
25
dB
VS = 5 V
29
dB
±2 dB Error2
VS = 3 V
28
dB
VS = 5 V
32
dB
Maximum Input Level
±1 dB error2
+7
dBm
Minimum Input Level
±1 dB error2
−19
dBm
Conversion Gain
VOUT = (Gain × VIN) + Intercept
5.5
V/V rms
Output Intercept3
0.02
V
Output Voltage—High Power In
PIN = 5 dBm, 400 mV rms
2.20
V
Output Voltage—Low Power In
PIN = −21 dBm, +20 mV rms
0.12
V
Temperature Sensitivity
PIN = −5 dBm
25°C
≤ T
A
≤ 85°C
0.0031
dB/°C
−40°C
≤ T
A
≤ +25°C
−0.0034
dB/°C
RMS CONVERSION (f = 2350 MHz)
Input RFIN to Output VRMS
Input Impedance
32||0.3
Ω||pF
Input Return Loss
13.5
dB
Dynamic Range1
CW input, −40°C < TA < +85°C
±0.25 dB Error4
Delta from 25°C, VS = 5 V
8
dB
±0.25 dB Error2
VS = 3 V
4
dB
VS = 5 V
7
dB
±1 dB Error2
VS = 3 V
25
dB
VS = 5 V
29
dB
±2 dB Error2
VS = 3 V
29
dB
VS = 5 V
32
dB
Maximum Input Level
±1 dB error2
+8
dBm
Minimum Input Level
±1 dB error2
−18
dBm
Conversion Gain
VOUT = (Gain × VIN) + Intercept
5.0
V/V rms
Output Intercept3
0.02
V
Output Voltage—High Power In
PIN = 5 dBm, 400 mV rms
2.00
V
Output Voltage—Low Power In
PIN = −21 dBm, +20 mV rms
0.10
V
Temperature Sensitivity
PIN = −5 dBm
25°C
≤ T
A
≤ 85°C
0.0032
dB/°C
−40°C
≤ T
A
≤ +25°C
−0.0044
dB/°C


Similar Part No. - ADL5501-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5501-EVALZ1 AD-ADL5501-EVALZ1 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
More results

Similar Description - ADL5501-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
   50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com