Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFKC05-48D05 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PFKC05-48D05
Description  5 WATTS REGULATED OUTPUT POWER / STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFKC05-48D05 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PFKC05-48D05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PFKC05-48D05 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(3)
Eff
(4)
(%)
Capacitor
(5)
Load max
PFKC05-12S33
9 – 18 VDC
3.3 VDC
1000mA
404mA
72
2200uF
PFKC05-12S05
9 – 18 VDC
5 VDC
1000mA
579mA
76
1000uF
PFKC05-12S12
9 – 18 VDC
12 VDC
470mA
618mA
80
220uF
PFKC05-12S15
9 – 18 VDC
15 VDC
400mA
658mA
80
150uF
PFKC05-12D05
9 – 18 VDC
± 5 VDC
± 500mA
571mA
77
± 680uF
PFKC05-12D12
9 – 18 VDC
± 12 VDC
± 230mA
605mA
80
± 100uF
PFKC05-12D15
9 – 18 VDC
± 15 VDC
± 190mA
625mA
80
± 68uF
PFKC05-24S33
18 – 36 VDC
3.3 VDC
1000mA
202mA
72
2200uF
PFKC05-24S05
18 – 36 VDC
5 VDC
1000mA
278mA
79
1000uF
PFKC05-24S12
18 – 36 VDC
12 VDC
470mA
306mA
81
220uF
PFKC05-24S15
18 – 36 VDC
15 VDC
400mA
325mA
81
150uF
PFKC05-24D05
18 – 36 VDC
± 5 VDC
± 500mA
282mA
78
± 680uF
PFKC05-24D12
18 – 36 VDC
± 12 VDC
± 230mA
299mA
81
± 100uF
PFKC05-24D15
18 – 36 VDC
± 15 VDC
± 190mA
309mA
81
± 68uF
PFKC05-48S33
36 – 75 VDC
3.3 VDC
1000mA
100mA
73
2200uF
PFKC05-48S05
36 – 75 VDC
5 VDC
1000mA
141mA
78
1000uF
PFKC05-48S12
36 – 75 VDC
12 VDC
470mA
153mA
81
220uF
PFKC05-48S15
36 – 75 VDC
15 VDC
400mA
162mA
81
150uF
PFKC05-48D05
36 – 75 VDC
± 5 VDC
± 500mA
143mA
77
± 680uF
PFKC05-48D12
36 – 75 VDC
± 12 VDC
± 230mA
149mA
81
± 100uF
PFKC05-48D15
36 – 75 VDC
± 15 VDC
± 190mA
154mA
81
± 68uF
1. All dimensions in Inches (mm)
2. Pin pitch tolerance
I0.014(0.35)
Pin size is 0.02(0.5) Dia or
0.01 x 0.02 (0.25 x 0.50)
Rectangular Pin
14
23
22
16
3
9
2
11
0.60(15.2)
0.80(20.3)
0.40
(10.2)
0.15
(3.8)
0.18(4.6)
BOTTOM
VIEW
15
10
Note
1.
The PFKC05 series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage
these devices, however they may not meet all listed specification
2.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment)
3.
Maximum value at nominal input voltage and full load of standard type.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistor load.
SMD PIN CONNECTION
PIN
SINGLE
DUAL
2
- INPUT
- INPUT
3
- INPUT
- INPUT
9
NC
COMMON
23
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
16
- OUTPUT COMMON
10
NC
NC
15
NC
NC
PIN
SINGLE
DUAL
11
NC
- OUTPUT
14
+ OUTPUT + OUTPUT
Others
NC
NC
Others
NC
NC
DIP PIN CONNECTION
PIN
SINGLE
DUAL
2
- INPUT
- INPUT
3
- INPUT
- INPUT
9
NC
COMMON
23
+ INPUT
+ INPUT
22
+ INPUT
+ INPUT
16
- OUTPUT COMMON
10
NC
NC
15
NC
NC
PIN
SINGLE
DUAL
11
NC
- OUTPUT
14
+ OUTPUT + OUTPUT
Suffix-SMD
1.00(25.4)
0.92(23.4)
0.44(11.2)
0.43(10.9)
0.80(20.3)
24
13
16
20
12
1
5
9
BOTTOM
VIEW
Pin Area
0.04 x 0.02
(1.0 x 0.5)


Similar Part No. - PFKC05-48D05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PFKC05-48D05 P-DUKE-PFKC05-48D05 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05-48D05 RSG-PFKC05-48D05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC05-48D05 P-DUKE-PFKC05-48D05 Datasheet
1Mb / 3P
   5 WATTS DC-DC CONVERTER
More results

Similar Description - PFKC05-48D05

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT1600 SSOUSA-SAT1600_15 Datasheet
470Kb / 9P
   16 pin DIP/SMD package
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Solid State Optronic
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
   Small 4 pin DIP/SMD package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
   Compact 6 pin DIP/SMD Package
logo
Minmax Technology Co., ...
MDWI08 MINMAX-MDWI08 Datasheet
430Kb / 4P
   DC/DC CONVERTER 8W, Regulated Output, DIP Package
logo
Solid State Optronic
SM8024 SSOUSA-SM8024 Datasheet
240Kb / 7P
   Compact 8 pin DIP/SMD package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
   Compact 6 pin DIP/SMD Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com