Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM69C433 Datasheet(PDF) 3 Page - Motorola, Inc

Part # SCM69C433
Description  16K x 64 CAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM69C433 Datasheet(HTML) 3 Page - Motorola, Inc

  SCM69C433 Datasheet HTML 1Page - Motorola, Inc SCM69C433 Datasheet HTML 2Page - Motorola, Inc SCM69C433 Datasheet HTML 3Page - Motorola, Inc SCM69C433 Datasheet HTML 4Page - Motorola, Inc SCM69C433 Datasheet HTML 5Page - Motorola, Inc SCM69C433 Datasheet HTML 6Page - Motorola, Inc SCM69C433 Datasheet HTML 7Page - Motorola, Inc SCM69C433 Datasheet HTML 8Page - Motorola, Inc SCM69C433 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MCM69C433
•SCM69C433
3
MOTOROLA FAST SRAM
PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
42 – 44
A2 – A0
Input
3–bit control port address bus.
58
DTACK
Output
Control port data transfer acknowledge (Open Drain).
17 – 20, 23 – 26,
29 – 32, 35 – 38
DQ15 – DQ0
I/O
16–bit bidirectional control port data bus.
61
G
Input
Output Enable control of MQ31 – MQ0.
57
IRQ
Output
Control port interrupt (Open Drain).
39
K
Input
Interface Clock, max frequency of 66 MHz.
47
KMODE
Input
See Note.
89
LH/SM
Input
Latch High/Start Match. Initiates match sequence on match data present on
MQ31 – MQ0.
92
LL
Input
Latch Low. Latches low order bits if match width is > 32 bits.
64
MC
Output
Match Complete (Open Drain).
67 – 70, 73 – 76,
79 – 82, 85 – 88,
93 – 96, 99, 100,
1, 2, 5 – 8, 11 – 14
MQ31 – MQ0
I/O
32–bit common I/O CAM data. Used for input of match RAM and data RAM
values.
62
MS
Output
Match Successful (Open Drain).
56
RESET
Input
Resets chip to a known state.
46
SEL
Input
Control port chip select, active low.
52
TCK
Input
Test Clock, part of JTAG interface.
50
TDI
Input
Test Data In, part of JTAG interface.
55
TDO
Output
Test Data Out, part of JTAG interface.
51
TMS
Input
Test Mode Select, part of JTAG interface.
49
TRST
Input
Tap Reset part of JTAG interface.
63
VPC
Output
Virtual Path Circuit. Used in ATM mode to indicate a virtual path circuit match has
occurred (Open Drain).
45
WE
Input
Control port Write Enable.
4, 10, 16, 22, 27, 33,
41, 48, 54, 59, 65, 71,
77, 84, 91, 97
VDD
Supply
Power Supply: 3.3 V
±5%.
3, 9, 15, 21, 28, 34,
40, 53, 60, 66, 72,
78, 83, 90, 98
VSS
Supply
Ground.
NOTE: Assert KMODE 1 clock cycle after RESET is deasserted.
K
RESET
KMODE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - SCM69C433

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCM6323ATS10A MOTOROLA-SCM6323ATS10A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
SCM6323ATS10AR MOTOROLA-SCM6323ATS10AR Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
SCM6323ATS12A MOTOROLA-SCM6323ATS12A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
SCM6323ATS12AR MOTOROLA-SCM6323ATS12AR Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
SCM6323ATS15A MOTOROLA-SCM6323ATS15A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
More results

Similar Description - SCM69C433

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69C432 MOTOROLA-MCM69C432 Datasheet
246Kb / 20P
   16K x 64 CAM
MCM69C232 MOTOROLA-MCM69C232 Datasheet
248Kb / 20P
   4K x 64 CAM
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C276 CYPRESS-CY7C276 Datasheet
140Kb / 9P
   16K x 16 Reprogrammable PROM
CY7C276 CYPRESS-CY7C276_06 Datasheet
338Kb / 11P
   16K x 16 Reprogrammable PROM
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com