Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3116 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FM3116
Description  Integrated Processor Companion with Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FM3116 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FM3116 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
FM3104/16/64/256
Rev 0.2
May 2003
Page 2 of 22
Pin Configuration
Pin Name
Function
CNT1, CNT2
Event Counter Inputs
A0, A1
Device Select inputs
CAL/PFO
Clock Calibration and Early
Power-fail Output
/RST
Reset Input/Output
PFI
Early Power-fail Input
X1, X2
Crystal Connections
SDA
Serial Data
SCL
Serial Clock
VBAK
Battery-Backup Supply
VDD
Supply Voltage
VSS
Ground
Ordering Information
Base Configuration
Memory Size
Operating Voltage
Reset Threshold
Ordering Part Number
FM31256
256Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM31256-S
FM3164
64Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3164-S
FM3116
16Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3116-S
FM3104
4Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3104-S
Other memory configurations may be available. Please contact the factory for more information.
VDD
VBAK
SCL
SDA
VSS
X1
X2
CAL/PFO
CNT1
PFI
RST
A0
A1
CNT2
1
2
3
4
5
6
7
14
13
12
11
10
9
8


Similar Part No. - FM3116

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3116 RAMTRON-FM3116 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
FM3116-G RAMTRON-FM3116-G Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
More results

Similar Description - FM3116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com