Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3116 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FM3116
Description  Integrated Processor Companion with Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FM3116 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FM3116 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM3116 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
FM3104/16/64/256
Rev 0.2
May 2003
Page 4 of 22
Overview
The FM31xxx family combines a serial nonvolatile
RAM with a real-time clock (RTC) and a processor
companion. The companion is a highly integrated
peripheral including a processor supervisor, a
comparator used for early power-fail warning,
nonvolatile event counters, and a 64-bit serial
number.
The
FM31xxx
integrates
these
complementary but distinct functions that share a
common interface in a single package. Although
monolithic, the product is organized as two logical
devices,
the
FRAM
memory
and
the
RTC/companion. From the system perspective they
appear to be two separate devices with unique IDs on
the serial bus.
The memory is organized as a stand-alone 2-wire
nonvolatile memory with a standard device ID value.
The real-time clock and supervisor functions are
accessed with a separate 2-wire device ID. This
allows clock/calendar data to be read while
maintaining the most recently used memory address.
The clock and supervisor functions are controlled by
25 special function registers. The RTC and event
counter circuits are maintained by the power source
on the VBAK pin, allowing them to operate from
battery or backup capacitor power when VDD drops
below an internally set threshold. Each functional
block is described below.
Memory Operation
The FM31xxx is a family of products available in
different memory sizes including 4Kb, 16Kb, 64Kb,
and 256Kb. The family is software compatible, all
versions use consistent two-byte addressing for the
memory device. This makes the lowest density
device different from its stand-alone memory
counterparts but makes them compatible within the
entire family.
Memory is organized in bytes, for example the 4Kb
memory is 512 x 8 and the 256Kb memory is 32,768
x 8. The memory is based on FRAM technology.
Therefore it can be treated as RAM and is read or
written at the speed of the two-wire bus with no
delays for write operations. It also offers effectively
unlimited write endurance unlike other nonvolatile
memory technologies. The 2-wire interface protocol
is described further on page 13.
The memory array can be write-protected by
software. Two bits in the processor companion area
(WP0, WP1 in register 0Bh) control the protection
setting as shown in the following table. Based on the
setting, the protected addresses cannot be written and
the 2-wire interface will not acknowledge any data to
protected addresses. The special function registers
containing these bits are described in detail below.
Write protect addresses
WP1
WP0
None
0
0
Bottom 1/4
0
1
Bottom 1/2
1
0
Full array
1
1
Processor Companion
In addition to nonvolatile RAM, the FM31xxx family
incorporates
a
highly
integrated
processor
companion. It includes a low voltage reset, a
programmable watchdog timer, battery-backed event
counters, a comparator for early power-fail detection
or other purposes, and a 64-bit serial number.
Processor Supervisor
Supervisors provide a host processor two basic
functions: detection of power supply fault conditions
and a watchdog timer to escape a software lockup
condition. All FM31xxx devices have a reset pin
(/RST) to drive the processor reset input during
power faults (and power-up) and software lockups. It
is an open drain output with a weak internal pull-up
to VDD. This allows other reset sources to be wire-
OR’d to the /RST pin. When VDD is above the
programmed trip point, /RST output is pulled weakly
to VDD. If VDD drops below the reset trip point
voltage level (VTP) the /RST pin will be driven low. It
will remain low until VDD falls too low for circuit
operation which is the VRST level. When VDD rises
again above VTP, /RST will continue to drive low for
at least 100 ms (tRPU) to ensure a robust system reset
at a reliable VDD level. After tRPU has been met, the
/RST pin will return to the weak high state. While
/RST is asserted, serial bus activity is locked out even
if a transaction occurred as VDD dropped below VTP.
A memory operation started while VDD is above VTP
will be completed internally.
The bits VTP1 and VTP0 control the trip point of the
low voltage detect circuit. They are located in register
0Bh, bits 1 and 0. The figure below illustrates the
reset operation in response to the VDD voltage.
VTP
VTP1
VTP0
2.6V
0
0
2.9V
0
1
3.9V
1
0
4.4V
1
1
Figure 2. Low Voltage Reset
VDD
VTP
tRPU
RST


Similar Part No. - FM3116

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3116 RAMTRON-FM3116 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
FM3116-G RAMTRON-FM3116-G Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
More results

Similar Description - FM3116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com