Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6020A2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6020A2
Description  2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6020A2 Datasheet(HTML) 3 Page - Texas Instruments

  TPA6020A2 Datasheet HTML 1Page - Texas Instruments TPA6020A2 Datasheet HTML 2Page - Texas Instruments TPA6020A2 Datasheet HTML 3Page - Texas Instruments TPA6020A2 Datasheet HTML 4Page - Texas Instruments TPA6020A2 Datasheet HTML 5Page - Texas Instruments TPA6020A2 Datasheet HTML 6Page - Texas Instruments TPA6020A2 Datasheet HTML 7Page - Texas Instruments TPA6020A2 Datasheet HTML 8Page - Texas Instruments TPA6020A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
38 kW
R
I
40 kW
R
I
42 kW
R
I
TPA6020A2
SLOS458B – JULY 2005 – REVISED AUGUST 2005
T
A = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage (measured
VOS
VI = 0 V differential, Gain = 1 V/V, VDD = 5.5 V
-9
0.3
9
mV
differentially)
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
-85
dB
VIC
Common-mode input range
VDD = 2.5 V to 5.5 V
0.5
VDD-0.8
V
VDD = 5.5 V,
VIC = 0.5 V to 4.7 V
-63
CMRR
Common-mode rejection ratio
dB
VDD = 2.5 V,
VIC = 0.5 V to 1.7 V
-63
VDD = 5.5 V
0.55
RL = 3 Ω,
Gain = 1 V/V,
Low-output swing
VIN+ = VDD,
VIN- = 0 V or
VDD = 3.6 V
0.42
V
VIN+ = 0 V,
VIN- = VDD
VDD = 2.5 V
0.34
0.4
VDD = 5.5 V
4.9
RL = 3 Ω,
Gain = 1 V/V,
High-output swing
VIN+ = VDD,
VIN- = 0 V or
VDD = 3.6 V
3.1
V
VIN- = VDD
VIN+ = 0 V
VDD = 2.5 V
1.9
2.1
| IIH |
High-level input current, shutdown
VDD = 5.5 V,
VI = 5.8 V
58
100
µA
| IIL |
Low-level input current, shutdown
VDD = 5.5 V,
VI = -0.3 V
3
100
µA
IQ
Quiescent current
VDD = 2.5 V to 5.5 V, no load
8
9.8
mA
V(SHUTDOWN)
≤ 0.5 V, V
DD = 2.5 V to 5.5 V,
I(SD)
Supply current
0.08
1
µA
RL = 3 Ω
Gain
RL = 3 Ω
V/V
Resistance from shutdown to GND
100
k
3


Similar Part No. - TPA6020A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4N TI-TPA6021A4N Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4NE4 TI-TPA6021A4NE4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Similar Description - TPA6020A2

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA4996 EUTECH-EUA4996 Datasheet
900Kb / 12P
   2.8-W Stereo Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
   3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
   3W Stereo Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com