Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R12LD30-TF4-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # R12LD30-TF4-T
Description  3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R12LD30-TF4-T Datasheet(HTML) 4 Page - Unisonic Technologies

  R12LD30-TF4-T Datasheet HTML 1Page - Unisonic Technologies R12LD30-TF4-T Datasheet HTML 2Page - Unisonic Technologies R12LD30-TF4-T Datasheet HTML 3Page - Unisonic Technologies R12LD30-TF4-T Datasheet HTML 4Page - Unisonic Technologies R12LD30-TF4-T Datasheet HTML 5Page - Unisonic Technologies R12LD30-TF4-T Datasheet HTML 6Page - Unisonic Technologies R12LD30-TF4-T Datasheet HTML 7Page - Unisonic Technologies R12LD30-TF4-T Datasheet HTML 8Page - Unisonic Technologies R12LD30-TF4-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RXXLD30
Linear Integrated Circuit
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R102-028,A
For R09LD30(9V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN =11V, IOUT=2A
8.73
9.0
9.27
V
Line Regulation
∆V
OUT
VIN =10 ~ 16V, IOUT=5mA
0.5
2.5
%
Load Regulation
∆V
OUT
VIN =11V, IOUT=5mA ~ 3.0A
0.1
2.0
%
Temperature Coefficient of Output Voltage
TcVo
TJ=0 ~ 125°C, IOUT=5mA
±0.02
%/
°C
Ripple Rejection
RR
Refer to Fig.2
45
55
dB
Dropout Voltage
VD
(Note1), IOUT=3A
0.5
V
ON
VC(ON)
VIN =11V
2.0
V
Voltage for Control(Note2)
OFF
VC(OFF)
VIN =11V
0.8
V
ON
IC(ON)
VC=2.7V, VIN =11V
20
µA
Current for Control
OFF
IC(OFF)
VC=0.4V, VIN =11V
-0.4
mA
Quiescent Current
ID
IOUT =0A, VIN =11V
10
mA
For R12LD30(12V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN =14V, IOUT=2A
11.64
12.0
12.36
V
Line Regulation
∆V
OUT
VIN =13 ~ 19V, IOUT=5mA
0.5
2.5
%
Load Regulation
∆V
OUT
VIN =14V, IOUT=5mA ~ 3.0A
0.1
2.0
%
Temperature Coefficient of Output Voltage
TcVo
TJ=0 ~ 125°C, IOUT=5mA
±0.02
%/
°C
Ripple Rejection
RR
Refer to Fig.2
45
55
dB
Dropout Voltage
VD
(Note1), IOUT=3A
0.5
V
ON
VC(ON)
VIN =14V
2.0
V
Voltage for Control(Note2)
OFF
VC(OFF)
VIN =14V
0.8
V
ON
IC(ON)
VC=2.7V, VIN =14V
20
µA
Current for Control
OFF
IC(OFF)
VC=0.4V, VIN =14V
-0.4
mA
Quiescent Current
ID
IOUT =0A, VIN =14V
10
mA
Note: 1.Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
2.In case of opening control terminal(pin 5 of TO-220B, pin 4 of TO-220F-4), output voltage turns on.


Similar Part No. - R12LD30-TF4-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
R12LD10 UTC-R12LD10 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R12LD10G-S08-R UTC-R12LD10G-S08-R Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R12LD10G-TF-T UTC-R12LD10G-TF-T Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R12LD10G-TN5-R UTC-R12LD10G-TN5-R Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
R12LD10L-S08-R UTC-R12LD10L-S08-R Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results

Similar Description - R12LD30-TF4-T

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
RXXLD30 ETL-RXXLD30 Datasheet
110Kb / 9P
   3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
URXX20 UTC-URXX20 Datasheet
277Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ5EV3 SHARP-PQ5EV3 Datasheet
83Kb / 7P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ5EV3 SHARP-PQ5EV3_01 Datasheet
68Kb / 6P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com