Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH116 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # AH116
Description  쩍 Watt, High Linearity InGaP HBT Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH116 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  AH116 Datasheet HTML 1Page - WJ Communication. Inc. AH116 Datasheet HTML 2Page - WJ Communication. Inc. AH116 Datasheet HTML 3Page - WJ Communication. Inc. AH116 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 4 of 4
April 2006
AH116
½ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
AH116-S8G (Lead-Free Package) Mechanical Information
This package is lead-free/green/RoHS-compliant. The plating material on the leads is NiPdAu. It is compatible with both lead-free
(maximum 260
qC reflow temperature) and lead (maximum 245 qC reflow temperature) soldering processes.
Outline Drawing
Mounting Configuration / Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature (1)
-40 to +85
qC
Thermal Resistance (2), Rth
62
qC / W
Junction Temperature (3), Tj
162
qC
Notes:
1. The amplifier can be operated at 105 C case temperature for up to 1000
hours over its lifetime without degradation in performance and will not
degrade device operation at the recommended maximum 85 C case
temperature for the rest of its lifetime.
2. The thermal resistance is referenced from the junction-to-case at a case
temperature of 85 C. Tjc is a function of the voltage at pins 6 and 7 and
the current applied to pins 6, 7, and 8 and can be calculated by:
Tjc = Tcase + Rth * Vcc * Icc
3. This corresponds to the typical biasing condition of +5V, 250 mA at an
85 C case temperature. A minimum MTTF of 1 million hours is achieved
for junction temperatures below 247 C.
Product Marking
The component will be marked with an
“AH116G” designator with an alphanumeric lot
code on the top surface of the package.
The
obsolete tin-lead package is marked with an
“AH116-S8”
or
“ECP052G”
designator
followed by an alphanumeric lot code.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 2 at +260 C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this
device. Vias should use a .35mm (#80 / .0135”) diameter drill and
have a final plated thru diameter of .25 mm (.010” ).
2. Add as much copper as possible to inner and outer layers near the
part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a
heatsink. Ensure that the ground / thermal via region contacts the
heatsink.
4. Do not put solder mask on the backside of the PC board in the
region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in degrees.
MTTF vs. GND Tab Temperature
100
1000
10000
100000
60
70
80
90
100
110
120
Tab Temperature (°C)


Similar Part No. - AH116

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
AH116-S8 WJCI-AH116-S8 Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
AH116-S8G WJCI-AH116-S8G Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
AH116-S8PCB900 WJCI-AH116-S8PCB900 Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
Ohmite Mfg. Co.
AH11600 OHMITE-AH11600 Datasheet
494Kb / 2P
   Multiple finishes available
More results

Similar Description - AH116

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
AH115 WJCI-AH115 Datasheet
422Kb / 5P
   쩍 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
ECG012 ETC-ECG012 Datasheet
298Kb / 5P
   0.1 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH110-RFID WJCI-AH110-RFID Datasheet
660Kb / 7P
   0.2 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH110 ETC-AH110 Datasheet
355Kb / 6P
   0.2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com