Electronic Components Datasheet Search |
|
AH31-PCB500 Datasheet(PDF) 6 Page - WJ Communication. Inc. |
|
AH31-PCB500 Datasheet(HTML) 6 Page - WJ Communication. Inc. |
6 / 8 page Specifications and information are subject to change without notice WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com February 2004 AH31 High Dynamic Range IF Amplifier Product Information Application Circuit: 450 – 550 MHz (AH31-PCB500) Typical Performance Frequency 500 MHz S21 - Gain 18 dB S11 -15 dB S22 -10 dB Output P1dB +22 dBm Output IP3 +42 dBm Noise Figure 1.7 dB Bias +5 V @ 150 mA Notes: 1. The amplifier should be connected directly to a +5 V regulator; no dropping resistor is required. 2. If no DC signal is present at the input (pin 1), C1 can be removed. The gate is internally grounded in the amplifier. 3. R2 is used as a placeholder for a different application circuit. It can be removed from the circuit. 4. R1, C2, and C3 (from the silkscreen) are not utilized in this application circuit. Gain vs Frequency 25 °C 10 12 14 16 18 20 450 475 500 525 550 Frequency(MHz) S11,S22vsFrequency 25 °C -20 -15 -10 -5 0 450 475 500 525 550 Frequency(MHz) S11 S22 WidebandS-ParameterPerformance 25 °C -30 -20 -10 0 10 20 0 200 400 600 800 1000 Frequency(MHz) S11 S22 S21 OIP3vsFrequency 25 °C 36 38 40 42 44 46 450 475 500 525 550 OutputIP3(dBm) NoiseFigurevsFrequency 25 °C 0 1 2 3 4 5 450 475 500 525 550 Frequency(MHz) P1dBvsFrequency 25 °C 14 16 18 20 22 24 450 475 500 525 550 Frequency(MHz) AH31 RF OUT VS = +5 V ID = 150 mA C5 .018 µF 0603 L1 22 nH 0603 C4 1000 pF 0603 L2 150 nH 0805 RF IN C1 1000 pF 0603 R2 0 Ω 0603 |
Similar Part No. - AH31-PCB500 |
|
Similar Description - AH31-PCB500 |