Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA2022 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGA2022
Description  MMIC mixer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2022 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGA2022 Datasheet HTML 1Page - NXP Semiconductors BGA2022 Datasheet HTML 2Page - NXP Semiconductors BGA2022 Datasheet HTML 3Page - NXP Semiconductors BGA2022 Datasheet HTML 4Page - NXP Semiconductors BGA2022 Datasheet HTML 5Page - NXP Semiconductors BGA2022 Datasheet HTML 6Page - NXP Semiconductors BGA2022 Datasheet HTML 7Page - NXP Semiconductors BGA2022 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Jul 23
2
Philips Semiconductors
Objective specification
MMIC mixer
BGA2022
FEATURES
• Large frequency range:
– Cellular band (900 MHz)
– PCS band (1900 MHz)
– WLAN band (2.4 GHz).
• High isolation
• High linearity
• High conversion gain.
APPLICATIONS
Receiver side of wireless systems that require high
conversion gain and high linearity at low supply current,
such as CDMA. Trade-off between gain and
intermodulation is determined by one external inductor.
DESCRIPTION
Silicon double poly MMIC mixer in a 6-lead plastic SOT363
package.
PINNING
PIN
DESCRIPTION
1
LO - GND
2
LO - signal
3VS
4
IF - out
5
RF - feedback
6
RF - signal
Fig.1 Simplified outline (SOT363) and symbol.
handbook, halfpage
MAM428
Top view
13
2
4
5
6
BIAS
CONTROL
RF
RFfb
IF
LO GND
LO
VS
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VS
supply voltage
2.7
2.8
2.85
V
IS
supply current
6
mA
Gconv
conversion gain
fRF = 900 MHz
6
dB
NF
noise figure
fRF = 900 MHz
9
dB
IP3
input third order intercept point
fRF = 900 MHz
6
dBm
LO
− RF isolation
fRF = 900 MHz
30
dB


Similar Part No. - BGA2022

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2022 NXP-BGA2022 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGA2022

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC684LP4 HITTITE-HMC684LP4 Datasheet
305Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
logo
M/A-COM Technology Solu...
MAMXSS0013 MA-COM-MAMXSS0013 Datasheet
149Kb / 4P
   Low Cost MMIC Mixer
MAMXSS0011 MA-COM-MAMXSS0011 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
MAMXSS0012 MA-COM-MAMXSS0012 Datasheet
95Kb / 3P
   Low Cost MMIC Mixer
MAMXSS0010 MA-COM-MAMXSS0010_15 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
MAMXSS0013 MA-COM-MAMXSS0013_15 Datasheet
149Kb / 4P
   Low Cost MMIC Mixer
MAMXSS0010 MA-COM-MAMXSS0010 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
MAMXSS0011 MA-COM-MAMXSS0011_15 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
MAMXSS0012 MA-COM-MAMXSS0012_15 Datasheet
95Kb / 3P
   Low Cost MMIC Mixer
logo
List of Unclassifed Man...
MH102 ETC-MH102 Datasheet
162Kb / 4P
   High Dynamic Range MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com