Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA2031 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGA2031
Description  MMIC variable gain amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2031 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGA2031 Datasheet HTML 4Page - NXP Semiconductors BGA2031 Datasheet HTML 5Page - NXP Semiconductors BGA2031 Datasheet HTML 6Page - NXP Semiconductors BGA2031 Datasheet HTML 7Page - NXP Semiconductors BGA2031 Datasheet HTML 8Page - NXP Semiconductors BGA2031 Datasheet HTML 9Page - NXP Semiconductors BGA2031 Datasheet HTML 10Page - NXP Semiconductors BGA2031 Datasheet HTML 11Page - NXP Semiconductors BGA2031 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1999 Jul 23
8
Philips Semiconductors
Preliminary specification
MMIC variable gain amplifier
BGA2031
PACKAGE OUTLINE
Package under
development
Philips Semiconductors reserves the
right to make changes without notice.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT551A
wB
M
bp
D
e1
e2
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
0
1
2 mm
scale
c
X
13
2
4
5
Plastic surface mounted package; 5 leads
SOT551A
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.3
0.2
b1
0.8
1.0
2.2
1.8
0.25
0.10
1.35
1.15
1.3
e2
0.975
e
0.65
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.9
1999-05-07
y
b1


Similar Part No. - BGA2031

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031-1 NXP-BGA2031-1 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGA2031/1 PHILIPS-BGA2031/1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA20311 NXP-BGA20311 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
More results

Similar Description - BGA2031

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
Analog Devices
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC694 AD-HMC694 Datasheet
466Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
logo
Siemens Semiconductor G...
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
logo
Agilent(Hewlett-Packard...
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-14208 HP-IVA-14208 Datasheet
113Kb / 7P
   Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
logo
Analog Devices
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
   BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
   BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Agilent(Hewlett-Packard...
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com