Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA2031 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGA2031
Description  MMIC variable gain amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2031 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGA2031 Datasheet HTML 1Page - NXP Semiconductors BGA2031 Datasheet HTML 2Page - NXP Semiconductors BGA2031 Datasheet HTML 3Page - NXP Semiconductors BGA2031 Datasheet HTML 4Page - NXP Semiconductors BGA2031 Datasheet HTML 5Page - NXP Semiconductors BGA2031 Datasheet HTML 6Page - NXP Semiconductors BGA2031 Datasheet HTML 7Page - NXP Semiconductors BGA2031 Datasheet HTML 8Page - NXP Semiconductors BGA2031 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Jul 23
2
Philips Semiconductors
Preliminary specification
MMIC variable gain amplifier
BGA2031
FEATURES
• High gain
• Excellent adjacent channel power rejection
• Small SMD package
• Low dissipation.
APPLICATIONS
• General purpose variable gain amplifier for low voltage
and medium power
• Driver for power amplifiers in systems that require good
linearity, such as CDMA, both cellular band (850 MHz)
and PCS (1.9 GHz). This is because of the high output
power and good linearity.
DESCRIPTION
Silicon Monolitic Microwave Integrated Circuit (MMIC)
2 stage variable gain amplifier in double polysilicon
technology in a 5-pin SOT551A plastic SMD package for
low voltage medium power applications.
PINNING
PIN
DESCRIPTION
1
RF in
2
CTRL
3VS1
4VS2 + RF out
5
GND
handbook, halfpage
MAM429
RFin
VS2+RFout
VS1
CTRL
GND
Top view
BIAS
CIRCUIT
13
2
4
5
Fig.1 Simplified outline (SOT551A) and symbol.
Marking code: G1.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VS1, VS2
supply voltages
3.6
4.1
V
IS
supply current into pin 3 + pin 4
VCTRL =0
0
−µA
VCTRL = 2.7 V; VS = 3.6 V
5163mA
VCTRL = 2.4 V; VS = 3 V
3037mA
PL
load power
at 1 dB gain compression point;
f = 1.9 GHz
13.5
dBm
ACPR
adjacent channel power rejection
f = 1.9 GHz; PL = 12 dBm
48
dBc
f = 836 MHz; PL = 8 dBm
55
dBc
Gp
power gain
f = 1.9 GHz; PL = 12 dBm
26
dB
f = 836 MHz; PL = 8 dBm
27
dB
∆G
gain control range
f = 836 MHz; PL = 8 dBm
70
dB


Similar Part No. - BGA2031

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031-1 NXP-BGA2031-1 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGA2031/1 PHILIPS-BGA2031/1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA20311 NXP-BGA20311 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
More results

Similar Description - BGA2031

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
Analog Devices
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC694 AD-HMC694 Datasheet
466Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
logo
Siemens Semiconductor G...
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
   GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
logo
Agilent(Hewlett-Packard...
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-14208 HP-IVA-14208 Datasheet
113Kb / 7P
   Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
logo
Analog Devices
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
   BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
   BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Agilent(Hewlett-Packard...
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com