Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD56120M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SD56120M
Description  HF to 2000 MHz Class AB Common Source - PowerSO-10RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD56120M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SD56120M Datasheet HTML 1Page - List of Unclassifed Manufacturers SD56120M Datasheet HTML 2Page - List of Unclassifed Manufacturers SD56120M Datasheet HTML 3Page - List of Unclassifed Manufacturers SD56120M Datasheet HTML 4Page - List of Unclassifed Manufacturers SD56120M Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RF package range
Gold ceramic
LDMOS - BeO free
M250
M243
M265
M252
SMD plastic
Formed leads Straight leads
PowerSO-10RF
PowerFLAT (5x5)
Epoxy sealed
M174
M122
M177
M244
M173
M111
HOG PAC
HOG PAC flangeless
HOG PAC
The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies. All other names are the property of their respective owners.
China +86 21 52574820; France +33 1 55489569; Germany +49 89 4605454; Italy +39 02 8250449; Japan +81 3 57838216;
Singapore +65 6481 5124; Sweden +46 8 58774411; Switzerland +41 22 9292900; United Kingdom and Eire +44 1628 890391;
USA +1 781 861 2678
Full product information at www.st.com
© STMicroelectronics - July 2006 - Printed in Italy - All rights reserved
For selected STMicroelectronics sales offices fax:
SOT-89
Order code: SGRADIOFR0606


Similar Part No. - SD56120M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
More results

Similar Description - SD56120M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FLL600IQ-2 FUJITSU-FLL600IQ-2 Datasheet
100Kb / 4P
   Push-Pull Configuration, Broad Frequency Range: 800 to 2000 MHz, Suitable for class AB operation
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
logo
eleflow technologies co...
2SC1969 ELEFLOW-2SC1969 Datasheet
310Kb / 3P
   10 to 14 watts output power class AB ampliflers applications in HF band.
2SC1945 ELEFLOW-2SC1945 Datasheet
332Kb / 4P
   10 to 14 watts output power class AB amplifiers applications in HF band.
logo
STMicroelectronics
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
   2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
October 2021 Rev 2
logo
List of Unclassifed Man...
QPP-003 ETC1-QPP-003 Datasheet
43Kb / 2P
   60W, 869-894 MHz Class AB Power Stage
logo
SIRENZA MICRODEVICES
SDM-09120-1Y SIRENZA-SDM-09120-1Y Datasheet
94Kb / 5P
   915-960 MHz Class AB 130W Power Amplifier
logo
Micronetics, Inc.
NMA2412-A1S MICRONETICS-NMA2412-A1S Datasheet
347Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
   Legacy 10 MHz to 2000 MHz
NMA2412-A1T MICRONETICS-NMA2412-A1T Datasheet
377Kb / 2P
   Legacy 10 MHz to 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com