Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6205A1DGNR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6205A1DGNR
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6205A1DGNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6205A1DGNR Datasheet HTML 2Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 3Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 4Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 5Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 6Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 7Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 8Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 9Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
8
13
18
23
28
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
RL - Load Resistance - Ω
f = 1 kHz
THD+N = 10%
Gain = 1 V/V
32
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2.5
3
3.5
4
4.5
5
VDD - Supply Voltage - V
RL = 8 Ω
f = 1 kHz
Gain = 1 V/V
THD+N = 1%
THD+N = 10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
8
13
18
23
28
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
RL - Load Resistance - Ω
f = 1 kHz
THD+N = 1%
Gain = 1 V/V
32
0
10
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
PD -PowerDissipation-W
ZQVPackageOnly
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
0.2
0.4
0.6
0.8
8
16
PO - Output Power - W
VDD = 3.6 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
8
16
PO - Output Power - W
VDD = 5 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VDD = 5 V
CI = 2 µF
RL = 8 Ω
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
100 200
1 k 2 k
10 k
f - Frequency - Hz
50 mW
250 mW
1 W
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10 m
3
100 m
1
2
PO - Output Power - W
2.5 V
3.6 V
5 V
RL = 8 Ω, f = 1 kHz
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10 m
100 m
1
2
PO - Output Power - W
2.5 V
5 V
3.6 V
RL = 16 Ω
f = 1 kHz
C(Bypass) = 0 to 1 µF
Gain = 1 V/V
TPA6205A1
SLOS490A – JULY 2006 – REVISED AUGUST 2006
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
vs
vs
vs
SUPPLY VOLTAGE
LOAD RESISTANCE
LOAD RESISTANCE
Figure 1.
Figure 2.
Figure 3.
MAXIMUM AMBIENT
POWER DISSIPATION
POWER DISSIPATION
TEMPERATURE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
POWER DISSIPATION
Figure 4.
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback


Similar Part No. - TPA6205A1DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1DGNR TI-TPA6205A1DGNR Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DGNR TI1-TPA6205A1DGNR Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
TPA6205A1DGNR TI1-TPA6205A1DGNR Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1DGNR TI-TPA6205A1DGNR Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1DGNRG4 TI-TPA6205A1DGNRG4 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
More results

Similar Description - TPA6205A1DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
logo
Eutech Microelectronics...
EUA6205 EUTECH-EUA6205 Datasheet
551Kb / 13P
   1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com