Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6205A1DGNR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6205A1DGNR
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6205A1DGNR Datasheet(HTML) 2 Page - Texas Instruments

  TPA6205A1DGNR Datasheet HTML 1Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 2Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 3Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 4Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 5Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 6Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 7Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 8Page - Texas Instruments TPA6205A1DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
TPA6205A1
SLOS490A – JULY 2006 – REVISED AUGUST 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGED DEVICES(1)(2)
MicroStar Junior™
QFN
MSOP
(ZQV)
(DRB)
(DGN)
Device
TPA6205A1ZQVR
TPA6205A1DRB
TPA6205A1DGN
Symbolization
AANI
AAOI
AAPI
(1)
The ZQV packages are only available taped and reeled. The suffix R designates taped and reeled parts.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range unless otherwise noted(1)
UNIT
VDD
Supply voltage
–0.3 V to 6 V
VI
Input voltage
INx and SHUTDOWN pins
–0.3 V to VDD + 0.3 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature
–40
°C to 85°C
TJ
Junction temperature
–40
°C to 125°C
Tstg
Storage temperature
–65
°C to 85°C
Lead temperature 1,6 mm (1/16 Inch)
ZQV, DRB, DGN
260
°C
from case for 10 seconds
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
TYP
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SHUTDOWN
1.15
V
VIL
Low-level input voltage
SHUTDOWN
0.50
V
VIC
Common-mode input voltage
VDD = 2.5 V, 5.5 V, CMRR ≤– 60 dB
0.5
VDD–0.8
V
TA
Operating free-air temperature
–40
85
°C
ZL
Load impedance
6.4
8
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
DERATING FACTOR
POWER RATING
POWER RATING
POWER RATING
ZQV
885 mW
8.8 mW/
°C
486 mW
354 mW
DGN
2.13 W
17.1 mW/
°C
1.36 W
1.11 W
DRB
2.7 W
21.8 mW/
°C
1.7 W
1.4 W
2
Submit Documentation Feedback


Similar Part No. - TPA6205A1DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1DGNR TI-TPA6205A1DGNR Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DGNR TI1-TPA6205A1DGNR Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
TPA6205A1DGNR TI1-TPA6205A1DGNR Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1DGNR TI-TPA6205A1DGNR Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1DGNRG4 TI-TPA6205A1DGNRG4 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
More results

Similar Description - TPA6205A1DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
logo
Eutech Microelectronics...
EUA6205 EUTECH-EUA6205 Datasheet
551Kb / 13P
   1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com