Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7356 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 5 Page - Analog Devices

  AD7356 Datasheet HTML 1Page - Analog Devices AD7356 Datasheet HTML 2Page - Analog Devices AD7356 Datasheet HTML 3Page - Analog Devices AD7356 Datasheet HTML 4Page - Analog Devices AD7356 Datasheet HTML 5Page - Analog Devices AD7356 Datasheet HTML 6Page - Analog Devices AD7356 Datasheet HTML 7Page - Analog Devices AD7356 Datasheet HTML 8Page - Analog Devices AD7356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Preliminary Technical Data
AD7356
Rev. PrC | Page 5 of 18
TIMING SPECIFICATIONS
VDD = 2.5 V, VDRIVE = 2.5 V to 3.3 V, internal reference = 2.048 V, TA = TMAX to TMIN1, unless otherwise noted.
Table 2.
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
50
kHz min
80
MHz max
tCONVERT
t2 +13 × tSCLK
ns max
AD7356, 12 bit resolution, tSCLK = 1/fSCLK
tQUIET
5
ns min
Minimum time between end of serial read and next falling edge of CS
t2
5
ns min
CS to SCLK setup time
t3
TBD
ns max
Delay from CS until DOUTA and DOUTB are three-state disabled
t42
TBD
ns max
Data access time after SCLK falling edge
t5
0.40 tSCLK
ns min
SCLK low pulse width
t6
0.40 tSCLK
ns min
SCLK high pulse width
t7
TBD
ns min
SCLK to data valid hold time
t8
TBD
ns max
CS rising edge to DOUTA, DOUTB, high impedance
t9
TBD
ns min
CS rising edge to falling edge pulse width
t10
TBD
ns min
SCLK falling edge to DOUTA, DOUTB, high impedance
TBD
ns max
SCLK falling edge to DOUTA, DOUTB, high impedance
Latency
No Latency
1 Temperature ranges are as follows: Y Grade: −40°C to +125°C, B Grade: −40°C to +85°C.
2 The time required for the output to cross 0.4 V or 2.4 V.


Similar Part No. - AD7356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356 Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7356BRUZ AD-AD7356BRUZ Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356BRUZ AD-AD7356BRUZ Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7356BRUZ-500RL7 AD-AD7356BRUZ-500RL7 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results

Similar Description - AD7356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com