Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6205A1DRB Datasheet(PDF) 8 Page - Texas Instruments

Part # TPA6205A1DRB
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6205A1DRB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA6205A1DRB Datasheet HTML 4Page - Texas Instruments TPA6205A1DRB Datasheet HTML 5Page - Texas Instruments TPA6205A1DRB Datasheet HTML 6Page - Texas Instruments TPA6205A1DRB Datasheet HTML 7Page - Texas Instruments TPA6205A1DRB Datasheet HTML 8Page - Texas Instruments TPA6205A1DRB Datasheet HTML 9Page - Texas Instruments TPA6205A1DRB Datasheet HTML 10Page - Texas Instruments TPA6205A1DRB Datasheet HTML 11Page - Texas Instruments TPA6205A1DRB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
C1
Frequency
217.41 Hz
C1 - Duty
20 %
C1 High
3.598 V
C1 Pk-Pk
504 mV
Ch1 100 mV/div
Ch4 10 mV/div
2 ms/div
t - Time - ms
VDD
VO
f - Frequency - Hz
0
-50
-100
0
200 400 600 800 1k 1.2k 1.4k 1.6k 1.8k 2k
-150
-150
-100
0
-50
VDD Shown in Figure 19
CI = 2 µF,
C(Bypass) = 0.47 µF,
Inputs ac-Grounded
Gain = 1V/V
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20 k
50 100 200
500 1 k 2 k
5 k 10 k
f - Frequency - Hz
VDD = 2.5 V to 5 V
VIC = 200 mVp-p
RL = 8 Ω
Gain = 1 V/V
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
10
100
10 k
100 k 1 M
10 M
-220
-180
-140
-100
-60
-20
20
60
100
140
180
220
1 k
f - Frequency - Hz
Gain
Phase
VDD = 3.6 V
RL = 8 Ω
Gain = 1 V/V
-200
-150
-100
-50
0
50
100
150
200
100
1 k
10 k
100 k
1 M
-200
-150
-100
-50
0
50
100
150
200
f - Frequency - Hz
Gain
Phase
VDD = 3.6 V
RL = 8 Ω
10 M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
RL = 8 Ω
Gain = 1 V/V
VIC - Common Mode Input Voltage - V
VDD = 3.6 V
VDD = 5 V
VDD = 2.5 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0 0.5 1
1.5 2 2.5
3 3.5
4 4.5 5
5.5
VDD - Supply Voltage - V
0
1
2
3
4
5
6
0
0.5
1
1.5
2
C(Bypass) - Bypass Capacitor - µF
(1) Start-Up time is the time it takes (from a
low-to-high transition on SHUTDOWN) for the
gain of the amplifier to reach -3 dB of the final
gain.
TPA6205A1
SLOS490A – JULY 2006 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
GSM POWER SUPPLY
GSM POWER SUPPLY
REJECTION
REJECTION
COMMON MODE REJECTION RATIO
vs
vs
vs
TIME
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
Figure 21.
COMMON MODE REJECTION RATIO
CLOSED LOOP GAIN/PHASE
OPEN LOOP GAIN/PHASE
vs
vs
vs
COMMON MODE INPUT VOLTAGE
FREQUENCY
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
SUPPLY CURRENT
START-UP TIME(1)
vs
vs
SUPPLY VOLTAGE
BYPASS CAPACITOR
Figure 25.
Figure 26.
8
Submit Documentation Feedback


Similar Part No. - TPA6205A1DRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1DRB TI-TPA6205A1DRB Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DRBR TI-TPA6205A1DRBR Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DRBR TI1-TPA6205A1DRBR Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
TPA6205A1DRBR TI1-TPA6205A1DRBR Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1DRBR TI-TPA6205A1DRBR Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
More results

Similar Description - TPA6205A1DRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
logo
Eutech Microelectronics...
EUA6205 EUTECH-EUA6205 Datasheet
551Kb / 13P
   1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com