Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED8L24257V Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WED8L24257V
Description  Asynchronous SRAM, 3.3V, 256Kx24
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED8L24257V Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WED8L24257V Datasheet HTML 1Page - White Electronic Designs Corporation WED8L24257V Datasheet HTML 2Page - White Electronic Designs Corporation WED8L24257V Datasheet HTML 3Page - White Electronic Designs Corporation WED8L24257V Datasheet HTML 4Page - White Electronic Designs Corporation WED8L24257V Datasheet HTML 5Page - White Electronic Designs Corporation WED8L24257V Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
July 2002 Rev. 1A
ECO #15432
WED8L24257V
AC CHARACTERISTICS READ CYCLE
Symbol
10ns
12ns
15ns
Parameter
JEDEC
Alt.
Min Max
Min Max
Min Max
Units
Read Cycle Time
TAVAV
TRC
1012
15
ns
AddressAccess Time
TAVQV
TAA
1012
15
ns
Chip EnableAccess Time
TELQV
TACS
1012
15
ns
Chip Enable to Output in Low Z (1)
TELQX
TCLZ
3
3
3
ns
Chip Disable to Output in High Z (1)
TEHQZ
TCHZ
5
6
7
ns
Output Hold fromAddress Change
TAVQX
TOH
3
3
3
ns
Output Enable to Output Valid
TGLQV
TOE
5
6
7
ns
Output Enable to Output in Low Z (1)
TGLQX
TOLZ
00 0
ns
Output Disable to Output in High Z(1)
TGHQZ
TOHZ
5
6
7
ns
FIG. 4 READCYCLE1-WHIGH,G,ELOW
FIG. 5 READCYCLE2-WHIGH
A
Q
tAVQV
tELQV
tGLQV
tELQX
tGLQX
tAVAV
tEHQZ
tGHQZ
G
E
NOTE 1: Parameter is guaranteed, but not tested.
A
Q
tAVQX
tAVQV
tAVAV
DATA 2
ADDRESS 1
ADDRESS 2
DATA 1


Similar Part No. - WED8L24257V

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED8L24258V WEDC-WED8L24258V Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24258V10BC WEDC-WED8L24258V10BC Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24258V12BC WEDC-WED8L24258V12BC Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24258V12BI WEDC-WED8L24258V12BI Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24258V15BC WEDC-WED8L24258V15BC Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
More results

Similar Description - WED8L24257V

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED8L24258V WEDC-WED8L24258V Datasheet
443Kb / 5P
   Asynchronous SRAM, 3.3V, 256Kx24
WED8L24514V WEDC-WED8L24514V Datasheet
612Kb / 5P
   Asynchronous SRAM, 3.3V, 512Kx24
WED8L24513V WEDC-WED8L24513V Datasheet
364Kb / 6P
   Asynchronous SRAM, 3.3V, 512Kx24
logo
GSI Technology
GS73024AB GSI-GS73024AB Datasheet
613Kb / 12P
   Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
logo
White Electronic Design...
EDI8L24128C WEDC-EDI8L24128C Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
logo
Integrated Device Techn...
IDT71V546S IDT-IDT71V546S_08 Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com