Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

738D127X0016B2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 738D127X0016B2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

738D127X0016B2 Datasheet(HTML) 5 Page - Vishay Siliconix

  738D127X0016B2 Datasheet HTML 1Page - Vishay Siliconix 738D127X0016B2 Datasheet HTML 2Page - Vishay Siliconix 738D127X0016B2 Datasheet HTML 3Page - Vishay Siliconix 738D127X0016B2 Datasheet HTML 4Page - Vishay Siliconix 738D127X0016B2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 40054
Revision 20-Oct-03
www.vishay.com
66
738D, CT9 (CECC 30202-004)
Vishay Tansitor
For technical questions, contact eurowettant@vishay.com
CT9 EXTENDED RATINGS
180
A
CT9187X06R3A2
30
55
1.0
10
-60
+13
+16
820
B
CT9827X06R3B2
115
22
2.0
17
-88
+16
+20
1500
C
CT9158X06R3C2
115
22
6.0
25
-90
+20
+25
2200
D
CT9228X06R3D2
125
16
6.0
25
-90
+25
+70
150
A
CT9157X0010A2
25
65
1.0
10
-55
+13
+16
560
B
CT9567X0010B2
80
34
2.0
17
-77
+16
+20
1200
C
CT9128X0010C2
95
22
3.0
25
-88
+20
+25
1500
D
CT9158X0010D2
85
18
6.0
25
-88
+25
+30
100
A
CT9107X0016A2
25
88
1.0
10
-44
+13
+16
390
B
CT9397X0016B2
55
38
2.0
17
-66
+16
+20
820
C
CT9827X0016C2
85
27
4.0
25
-77
+20
+25
1000
D
CT9108X0016D2
60
21
6.0
35
-80
+30
+30
68
A
CT9686X0025A2
17
110
1.0
10
-40
+12
+15
270
B
CT9277X0025B2
38
40
2.0
17
-62
+13
+16
560
C
CT9567X0025C2
58
25
5.0
35
-72
+20
+25
680
D
CT9687X0025D2
38
24
6.0
35
-80
+25
+30
39
A
CT9396X0040A2
12
140
2.0
10
-35
+10
+12
150
B
CT9157X0040B2
22
50
4.0
35
-52
+13
+16
330
C
CT9337X0040C2
22
30
6.0
40
-60
+20
+25
470
D
CT9477X0040D2
35
28
6.0
40
-70
+25
+30
27
A
CT9276X0063A2
8.0
180
2.0
15
-24
+10
+12
100
B
CT9107X0063B2
15
70
4.0
25
-36
+12
+15
220
C
CT9227X0063C2
23
36
5.0
35
-40
+16
+20
270
D
CT9277X0063D2
26
35
6.0
40
-65
+25
+30
22
A
CT9226X0080A2
6.0
190
2.0
15
-19
+10
+12
82
B
CT9826X0080B2
12
80
4.0
25
-30
+12
+15
180
C
CT9187X0080C2
19
36
5.0
40
-35
+16
+20
220
D
CT9227X0080D2
21
30
6.0
40
-60
+20
+25
10
A
CT9106X0100A2
4.0
250
2.0
15
-17
+10
+12
39
B
CT9396X0100B2
7.0
96
4.0
30
-20
+12
+15
68
C
CT9686X0100C2
8.0
50
5.0
50
-30
+14
+16
120
D
CT9127X0100D2
15
36
6.0
50
-40
+15
+20
6.8
A
CT9685X0125A2
4.0
360
2.0
15
-14
+10
+12
27
B
CT9276X0125B2
5.0
110
4.0
30
-18
+12
+15
47
C
CT9476X0125C2
6.0
65
5.0
50
-26
+16
+16
82
D
CT9826X0125D2
8.0
40
6.0
50
-30
+16
+17
+ 125
°C
+ 85
°C
Max. CAPACITANCE
CHANGE (%) at
+ 85
°C
+ 125
°C
+ 20
°C
Max. IMP.
at - 55
°C
100 KHz
(Ohms)
Max. DF
at + 20
°C
(%)
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
- 55
°C
Max. DCL (
µA) at
6.3 VDC at + 85
°C, 4 VDC at + 125°C, 3 VDC at + 175°C
10 VDC at + 85
°C, 6.3 VDC at + 125°C, 5 VDC at + 175°C
16 VDC at + 85
°C, 10 VDC at + 125°C, 8 VDC at + 175°C
25 VDC at + 85
°C, 16 VDC at + 125°C, 13 VDC at + 175°C
40 VDC at + 85
°C, 25 VDC at + 125°C, 20 VDC at + 175°C
63 VDC at + 85
°C, 40 VDC at + 125°C, 32 VDC at + 175°C
80 VDC at + 85
°C, 50 VDC at + 125°C, 40 VDC at + 175°C
100 VDC at + 85
°C, 63 VDC at + 125°C, 50 VDC at + 175°C
125 VDC at + 85
°C, 80 VDC at + 125°C, 63 VDC atπ + 175°C
Wet Tantalum Capacitors
with Glass to Tantalum Hermetic Seal,
Sintered Anode TANTALEX
® Capacitors


Similar Part No. - 738D127X0016B2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
738 ETC2-738 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
logo
Oscilent Corporation
738-455-AW OSCILENT-738-455-AW Datasheet
139Kb / 2P
   455 KHz 6 Element
738-455-AW OSCILENT-738-455-AW Datasheet
139Kb / 2P
   455 KHz 6 Element
738-455-BW OSCILENT-738-455-BW Datasheet
139Kb / 2P
   455 KHz 6 Element
738-455-BW OSCILENT-738-455-BW Datasheet
139Kb / 2P
   455 KHz 6 Element
More results

Similar Description - 738D127X0016B2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com