Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH312-S8G Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # AH312-S8G
Description  2 Watt, High Linearity InGaP HBT Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH312-S8G Datasheet(HTML) 4 Page - WJ Communication. Inc.

  AH312-S8G Datasheet HTML 1Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 2Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 3Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 4Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 5Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 6Page - WJ Communication. Inc. AH312-S8G Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 7 March 2006
AH312
2 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
1960 MHz Application Circuit (AH312-S8PCB1960)
Typical RF Performance at 25
°C
Frequency
1960 MHz
S21 – Gain
11 dB
S11 – Input Return Loss
-20 dB
S22 – Output Return Loss
-6.8 dB
Output P1dB
+33.4 dBm
Output IP3
(+17 dBm / tone, 1 MHz spacing)
+51 dBm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
+27.5 dBm
Noise Figure
7.3 dB
Device / Supply Voltage
+5 V
Quiescent Current
(1)
800 mA
1. This corresponds to the quiescent current or operating current under
small-signal conditions into pins 6, 7, and 8.
S21 vs. Frequency
8
9
10
11
12
13
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
-40°C
+85°C
S11 vs. Frequency
-30
-25
-20
-15
-10
-5
0
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
-40°C
+85°C
S22 vs. Frequency
-20
-15
-10
-5
0
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
-40°C
+85°C
Noise Figure vs. Frequency
0
2
4
6
8
10
1930
1940
1950
1960
1970
1980
1990
Frequency(MHz)
-40°C
+25°C
+85°C
P1dBvs. Frequency
Circuit boards are optimizedat 1960 MHz
26
28
30
32
34
36
1930
1940
1950
1960
1970
1980
1990
Frequency(MHz)
-40°C
+25°C
+85°C
ACPRvs. Channel Power
IS-95, 9 Ch. Fwd, ±885 kHz offset, 30 kHz Meas BW, 1960 MHz
-75
-65
-55
-45
-35
22
23
24
25
26
27
28
29
Output Channel Power (dBm)
-40 C
+25 C
+85 C
OIP3 vs. Frequency
+25° C, +17 dBm/tone
35
40
45
50
55
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
OIP3 vs. Temperature
freq. = 1960 MHz, 1961 MHz, +17 dBm/tone
35
40
45
50
55
-40
-15
10
35
60
85
Temperature (°C)
OIP3 vs. Output Power
freq. = 1960 MHz, 1961 MHz, +25° C
35
40
45
50
55
12
14
16
18
20
22
Output Power (dBm)


Similar Part No. - AH312-S8G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH312-S8G WJCI-AH312-S8G Datasheet
861Kb / 9P
   2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH312-S8G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP203 WJCI-ECP203 Datasheet
194Kb / 3P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP200D WJCI-ECP200D Datasheet
319Kb / 6P
   2 Watt, High Linearity InGaP HBT Amplifier
AH312-RFID WJCI-AH312-RFID Datasheet
861Kb / 9P
   2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
   1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP053 WJCI-ECP053 Datasheet
146Kb / 3P
   1/2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com