Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1488P Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC1488P
Description  RS-232C QUAD LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC1488P Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC1488P Datasheet HTML 4Page - Motorola, Inc MC1488P Datasheet HTML 5Page - Motorola, Inc MC1488P Datasheet HTML 6Page - Motorola, Inc MC1488P Datasheet HTML 7Page - Motorola, Inc MC1488P Datasheet HTML 8Page - Motorola, Inc MC1488P Datasheet HTML 9Page - Motorola, Inc MC1488P Datasheet HTML 10Page - Motorola, Inc MC1488P Datasheet HTML 11Page - Motorola, Inc MC1488P Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC1488
8/12
RS232B). The addition of the diodes also permits the MC1488 to withstand faults with power-supplies of
less than the 9.0V stated above.
The maximum short-circuit current allowable under fault conditions is more than guaranteed by the
previously mentioned 10 mA output current limiting.
The MC1488 is an extremely versatile line driver with a mired of possible applications. Several features of
the drivers enhance this versatility:
1. Output Current Limiting - this enables the circuit designer to define the output voltage levels
independent of power-supplies and can be accomplished by diode clamping of the output pins.
2. Power-Supply Range - as can be seen from the schematic drawing of the drivers, the positive and
negative driving elements of the device are essentially independent and do not require matching
power-supplies. In fact, the positive supply can very from a minimum seven volts (required for driving the
negative pulldown section) to the maximum specified 15 V. The negative supply can vary from
approximately -2.5 V to the minimum specified - 15 V. The MC1488 will drive the output to within 2 V of the
positive or negative supplies as long as the current output limits are not exceeded. The combination of the
current-limiting and supply-voltage features allow a wide combination of possible outputs within the same
quad package.
Figure 12 : Slew-Rate Load VS Capacitance for
ISC =10mA
Figure 13 : Power Supply Protection to Meet Power-off Fault Conditions


Similar Part No. - MC1488P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488P ONSEMI-MC1488P Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
STMicroelectronics
MC1488P STMICROELECTRONICS-MC1488P Datasheet
323Kb / 12P
   RS232C QUAD LINE DRIVER
MC1488P STMICROELECTRONICS-MC1488P Datasheet
558Kb / 17P
   RS-232 quad line driver
logo
ON Semiconductor
MC1488P ONSEMI-MC1488P Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
logo
ARTSCHIP ELECTRONICS CO...
MC1488P ARTSCHIP-MC1488P Datasheet
377Kb / 7P
   Quad Line Driver
More results

Similar Description - MC1488P

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM2617 AMD-AM2617 Datasheet
192Kb / 4P
   Quad RS-232C Line Receiver
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488_06 Datasheet
558Kb / 17P
   RS-232 quad line driver
logo
Sony Corporation
SRP-X351P SONY-SRP-X351P Datasheet
90Kb / 4P
   RS-232C Protocol
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
   QUAD RS-422 CMOS Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
logo
Contec Co., Ltd
CPS-MC341-DS11-111 CONTEC-CPS-MC341-DS11-111 Datasheet
270Kb / 3P
   Digital Input/Output , RS-232C Model
logo
Advanced Micro Devices
AM26LS29 AMD-AM26LS29 Datasheet
382Kb / 6P
   QUAD THREE-STATE SINGLE ENDED RS-423 LINE DRIVER
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com