Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD1108F Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMD1108F
Description  8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMD1108F Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMD1108F Datasheet HTML 1Page - Summit Microelectronics, Inc. SMD1108F Datasheet HTML 2Page - Summit Microelectronics, Inc. SMD1108F Datasheet HTML 3Page - Summit Microelectronics, Inc. SMD1108F Datasheet HTML 4Page - Summit Microelectronics, Inc. SMD1108F Datasheet HTML 5Page - Summit Microelectronics, Inc. SMD1108F Datasheet HTML 6Page - Summit Microelectronics, Inc. SMD1108F Datasheet HTML 7Page - Summit Microelectronics, Inc. SMD1108F Datasheet HTML 8Page - Summit Microelectronics, Inc. SMD1108F Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
2052 2.0 10/05/01
SMD1108
Preliminary
SUMMIT
MICROELECTRONICS, Inc.
©SUMMIT MICROELECTRONICS, Inc., 2001 • 300 Orchard City Dr., Suite 131 • Campbell, CA 95008 • Phone 408-378-6461 • FAX 408-378-6586 • www.summitmicro.com
1
Characteristics subject to change without notice
!
!
!
!
! Programmable 8 Channel 10-Bit A to D con-
verter
"
""
"
" Programmable Sequencing of Analog
Switches in Auto-Monitor Mode
"
""
"
" Resolution of 10 bits
"
""
"
" Differential Non-Linearity of ±1LSB
"
""
"
" Top 4 Channels Programmable, Nonvolatile
Upper/Lower IRQ Limits
"
""
"
" Bottom 4 Channels Tied to Matching Pro-
grammable, Nonvolatile Comparators
"
""
"
" 4 Companion Over-current Comparators
!
!
!
!
! Internal Temperature Sensor
8-Channel Auto-MonitorTM ADC
In System Programmable Analog (ISPATM) Device
!
!
!
!
! Programmable LED Driver Outputs
!
!
!
!
! Programmable, Nonvolatile Combinatorial Reset
logic
!
!
!
!
! Nonvolatile Status Capture Register
!
!
!
!
! Two Programmable, Nonvolatile Watchdog
Timers
!
!
!
!
! 1K-Bit Nonvolatile Memory
!
!
!
!
! Industry Standard 2-Wire Interface
"
""
"
" Nonvolatile Configuration Registers
"
""
"
" ADC Conversion Results
"
""
"
" Memory Array
"
""
"
" Mechanism for System Level Presence Detect
FEATURES
SIMPLIFIED APPLICATION DRAWING
5V
2.5V
3.3V
1.8V
5V
I2C
EXT. TEMP.
SENSOR
CURRENT
SENSOR
VCC1/CH5
OC1
VCC3/CH7
OC3
VCC2/CH6
OC2
CH0
CH1
SMD1108
LDO
LDO
LDO
RESET#
2052 SAD
AIRFLOW
SENSOR
ENVIRON-
MENTAL
MONITOR
CH2
CH3
Internal
Temp.
Sensor


Similar Part No. - SMD1108F

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMD1102 SUMMIT-SMD1102 Datasheet
502Kb / 14P
   10-Bit Data Acquisition System for Autonomous Environmental Monitoring
SMD1103 SUMMIT-SMD1103 Datasheet
502Kb / 14P
   10-Bit Data Acquisition System for Autonomous Environmental Monitoring
SMD1103S SUMMIT-SMD1103S Datasheet
502Kb / 14P
   10-Bit Data Acquisition System for Autonomous Environmental Monitoring
logo
Chenmko Enterprise Co. ...
SMD110APT CHENMKO-SMD110APT Datasheet
258Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SMD110HE MCC-SMD110HE Datasheet
402Kb / 3P
   High surge forward current capability
More results

Similar Description - SMD1108F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_15 Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
logo
Lattice Semiconductor
ISPPAC20 LATTICE-ISPPAC20 Datasheet
489Kb / 32P
   In-System Programmable Analog Circuit
ISPPAC30 LATTICE-ISPPAC30 Datasheet
379Kb / 30P
   In-System Programmable Analog Circuit
PAC80 LATTICE-PAC80 Datasheet
342Kb / 19P
   In-System Programmable Analog Circuit
ISPPAC10 LATTICE-ISPPAC10 Datasheet
415Kb / 23P
   In-System Programmable Analog Circuit
ISPPAC81 LATTICE-ISPPAC81 Datasheet
176Kb / 20P
   In-System Programmable Analog Circuit
logo
Texas Instruments
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
logo
Texas Instruments
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
[Old version datasheet]   Analog System Monitor and Controller
logo
Lattice Semiconductor
ISPPAC-POWR1208P1 LATTICE-ISPPAC-POWR1208P1 Datasheet
448Kb / 34P
   In-System Programmable Power Supply Sequencing Controller and Precision Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com