Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDD20-03S3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WDD20-03S3
Description  DC-DC CONVERTER 15 ~ 20W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WDD20-03S3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WDD20-03S3 Datasheet HTML 1Page - List of Unclassifed Manufacturers WDD20-03S3 Datasheet HTML 2Page - List of Unclassifed Manufacturers WDD20-03S3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTER
WDD20 SERIES
15 ~ 20W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
WDD20 – 03 S 1
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(TYP.)
EFF.
(MIN.)
CASE
Single Output Models
WDD20 - 03S1
9~18 VDC
15 WATTS
+3.3 VDC
4500 mA
80%
77%
FF
WDD20 - 05S1
9~18 VDC
20 WATTS
+ 5 VDC
4000 mA
83%
81%
FF
WDD20 - 12S1
9~18 VDC
20 WATTS
+ 12 VDC
1670 mA
86%
84%
FF
WDD20 - 15S1
9~18 VDC
20 WATTS
+ 15 VDC
1330 mA
87%
85%
FF
WDD20 - 03S2
18~36 VDC
15 WATTS
+3.3 VDC
4500 mA
80%
78%
FF
WDD20 - 05S2
18~36 VDC
20 WATTS
+ 5 VDC
4000 mA
85%
83%
FF
WDD20 - 12S2
18~36 VDC
20 WATTS
+ 12 VDC
1670 mA
86%
84%
FF
WDD20 - 15S2
18~36 VDC
20 WATTS
+ 15 VDC
1330 mA
88%
86%
FF
WDD20 - 03S3
36~72 VDC
15 WATTS
+3.3 VDC
4500 mA
80%
78%
FF
WDD20 - 05S3
36~72 VDC
20 WATTS
+ 5 VDC
4000 mA
85%
83%
FF
WDD20 - 12S3
36~72 VDC
20 WATTS
+ 12 VDC
1670 mA
87%
85%
FF
WDD20 - 15S3
36~72 VDC
20 WATTS
+ 15 VDC
1330 mA
88%
86%
FF
Dual Output Models
WDD20 - 12D1
9~18 VDC
20 WATTS
± 12 VDC
± 830 mA
85%
83%
FF
WDD20 - 15D1
9~18 VDC
20 WATTS
± 15 VDC
± 670 mA
87%
85%
FF
WDD20 - 12D2
18~36 VDC
20 WATTS
± 12 VDC
± 830 mA
87%
85%
FF
WDD20 - 15D2
18~36 VDC
20 WATTS
± 15 VDC
± 670 mA
88%
86%
FF
WDD20 - 12D3
36~72 VDC
20 WATTS
± 12 VDC
± 830 mA
87%
85%
FF
WDD20 - 15D3
36~72 VDC
20 WATTS
± 15 VDC
± 670 mA
89%
87%
FF
FEATURES
* LOW COST
* 2:1 WIDE INPUT RANGE
* I/O ISOLATION
* INPUT Pi FILTER
* SHORT CIRCUIT PROTECTION
* HIGH PERFORMANCE
* 2 YEARS WARRANTY
DESCRIPTION
THE WDD20 SERIES ARE 15 WATTS AND 20 WATTS SINGLE & DUAL OUTPUT DC/DC CONVERTERS, 2:1
WIDE INPUT RANGE WITH I/O ISOLATION AND SHORT CIRCUIT PROTECTION FEATURES MAKES IT SUITABLE
USED ON VARIABLE APPLICATIONS WITH LOW COST. ALL WDD20 MODELS CONTAIN PI INPUT FILTER TO
MINIMIZE REFLECTED RIPPLE & NOISE. ALL MODELS ARE PACKAGED IN 2” x 1.6” x 0.4” BLACK COATED
METAL CASE, AND PCB MOUNTABLE DIRECTLY.
03 : 3.3V OUT
05
: 5V OUT
12
: 12V OUT
15
: 15V OUT
WATTAGE
S : SINGLE OUTPUT
D : DUAL OUTPUT
1: 9~18V IN
2: 18~36V IN
3: 36~72V IN


Similar Part No. - WDD20-03S3

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S3 CHINFA-WDD20-03S3 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20-03S3 CHINFA-WDD20-03S3 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20-03S3U CHINFA-WDD20-03S3U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S3U CHINFA-WDD20-03S3U Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S3U CHINFA-WDD20-03S3U Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
More results

Similar Description - WDD20-03S3

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1 CHINFA-WDD20-03S1_10 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20 CHINFA-WDD20_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
logo
Murata Manufacturing Co...
WPN20R12S05C MURATA-WPN20R12S05C Datasheet
221Kb / 4P
   20W Regulated DC/DC Converter
logo
MORNSUN Science& Techno...
LHE20-20A12 MORNSUN-LHE20-20A12 Datasheet
1Mb / 6P
   20W, AC-DC converter
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
LHE20-20B03 MORNSUN-LHE20-20B03 Datasheet
1Mb / 5P
   20W, AC-DC converter
logo
HY-LINE Power Component...
P20G123R3S HY-LINE-P20G123R3S Datasheet
813Kb / 4P
   20W DC-DC Converter P20G-Series
Rev: 12.11 f
logo
MORNSUN Science& Techno...
LDE20-20B03 MORNSUN-LDE20-20B03 Datasheet
1Mb / 6P
   20W, AC-DC converter
logo
HY-LINE Power Component...
P20Z12S33 HY-LINE-P20Z12S33 Datasheet
175Kb / 2P
   20W DC-DC Converter P20Z-Series
Rev: 5 / 2005 f
P20D123R3S HY-LINE-P20D123R3S Datasheet
334Kb / 3P
   20W DC-DC Converter P20D-Series
Rev: 03/10 f
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com