Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDD20-15D3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WDD20-15D3
Description  DC-DC CONVERTER 15 ~ 20W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WDD20-15D3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WDD20-15D3 Datasheet HTML 1Page - List of Unclassifed Manufacturers WDD20-15D3 Datasheet HTML 2Page - List of Unclassifed Manufacturers WDD20-15D3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC-DC CONVERTER
WDD20 SERIES
15 ~ 20W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25℃ Unless Otherwise Noticed
GENERAL SPECIFICATION
* Switching frequency: .........................
* Isolation voltage: ..............................
* Isolation resistance: ..........................
* Operating ambient temperature: .........
* Storage temperature: ........................
* Max. Case temperature: .....................
* M.T.B.F.: ..........................................
* Cooling: ...........................................
* Temperature coefficient: ....................
* Dimension: ......................................
180KHz
1,500VDC
100M Ω(min.)
-25 to +71℃
-40 to +100℃
100℃
277,000Hrs at @ GF40, according to MIL-HDBK-217F
Free air convection
±0.02% / ℃
50.8 x 40.6 x 10.2mm
INPUT SPECIFICATIONS
* Input voltage range / frequency: ........
* Input filter: .......................................
* No load input current: ........................
* Max. Input voltage: ...........................
* Startup voltage: .................................
9 ~ 18VDC for 12V
18 ~ 36VDC for 24V
36 ~ 72VDC for 48V
Pi type
20mA for 12V in
15mA for 24V in
10mA for 48V in
20VDC for 12V in
40VDC for 24V in
75VDC for 48V in
8.5VDC for 12V in
15VDC for 24V in
33VDC for 48V in
OUTPUT SPECIFICATIONS
* Output voltage accuracy: ...................
* Minimum load: ..................................
* Line regulation: ................................
* Load regulation: ...............................
* Ripple & noise: .................................
* Efficiency: ........................................
* Voltage trim range: ...........................
* Derating: .........................................
* Case material: ..................................
±2% at Vo_nom
No load for single output models
±10% at Vo_nom for dual output models
±1% at Vo_nom
±2% at Vo_nom for single output models
±5% at Vo_nom for dual output models
150mV (max.)
Up to 89%, see model list
Vout x 10%
Vout x 5% for 3.3 Vout
See table 1
Metal
CONTROL AND PROTECTION
* Remote on/off: .................................
* Input reversed: .................................
* Output short circuit: ..........................
ON : open or 8 ~ 10VDC
OFF : -0.3 ~ 2VDC
Shunt diode use external fuse
Continuous


Similar Part No. - WDD20-15D3

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-15D3 CHINFA-WDD20-15D3 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20-15D3 CHINFA-WDD20-15D3 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20-15D3U CHINFA-WDD20-15D3U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-15D3U CHINFA-WDD20-15D3U Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-15D3U CHINFA-WDD20-15D3U Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
More results

Similar Description - WDD20-15D3

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1 CHINFA-WDD20-03S1_10 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20 CHINFA-WDD20_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
logo
Murata Manufacturing Co...
WPN20R12S05C MURATA-WPN20R12S05C Datasheet
221Kb / 4P
   20W Regulated DC/DC Converter
logo
MORNSUN Science& Techno...
LHE20-20A12 MORNSUN-LHE20-20A12 Datasheet
1Mb / 6P
   20W, AC-DC converter
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
LHE20-20B03 MORNSUN-LHE20-20B03 Datasheet
1Mb / 5P
   20W, AC-DC converter
logo
HY-LINE Power Component...
P20G123R3S HY-LINE-P20G123R3S Datasheet
813Kb / 4P
   20W DC-DC Converter P20G-Series
Rev: 12.11 f
logo
MORNSUN Science& Techno...
LDE20-20B03 MORNSUN-LDE20-20B03 Datasheet
1Mb / 6P
   20W, AC-DC converter
logo
HY-LINE Power Component...
P20Z12S33 HY-LINE-P20Z12S33 Datasheet
175Kb / 2P
   20W DC-DC Converter P20Z-Series
Rev: 5 / 2005 f
P20D123R3S HY-LINE-P20D123R3S Datasheet
334Kb / 3P
   20W DC-DC Converter P20D-Series
Rev: 03/10 f
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com