Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT36B4 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT36B4
Description  Music Synthesizer 8-Bit MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B4 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT36B4 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B4 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Characteristics Curves
V vs F Characteristics Curve
R vs F Characteristics curve
HT36B4
Rev. 1.00
5
October 18, 2006
V o l t a g e ( V )
H T 3 6 B 4 V v s F C h a r t
8
9
1 0
1 1
1 2
1 3
1 4
2
2 . 5
3
3 . 5
4
4 . 5
5
5 . 5
6
1 1 M H z / 1 0 0 k W
H T 3 6 B 4 R v s F C h a r t
4
6
8
1 0
1 2
1 4
1 6
1 8
2 0
5 6
7 5
1 0 0
2 0 0
5 . 0 V
4 . 5 V
R ( k W )


Similar Part No. - HT36B4

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2 Datasheet
146Kb / 11P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2 Datasheet
347Kb / 39P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2_05 Datasheet
347Kb / 39P
   8-Bit Music Synthesizer MCU
More results

Similar Description - HT36B4

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
   8-Bit Music Synthesizer MCU
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
   Music Synthesizer 8-Bit MCU
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
   8-Bit Music Synthesizer MCU
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2_05 Datasheet
347Kb / 39P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2 Datasheet
146Kb / 11P
   8-Bit Music Synthesizer MCU
HT36F6 HOLTEK-HT36F6 Datasheet
296Kb / 37P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com